Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC100LD2DN Datasheet(Fiches technique) 33 Page - Nuvoton Technology Corporation

Numéro de pièce NUC100LD2DN
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100LD2DN Datasheet(HTML) 33 Page - Nuvoton Technology Corporation

Back Button NUC100LD2DN Datenblatt HTML 29Page - Nuvoton Technology Corporation NUC100LD2DN Datenblatt HTML 30Page - Nuvoton Technology Corporation NUC100LD2DN Datenblatt HTML 31Page - Nuvoton Technology Corporation NUC100LD2DN Datenblatt HTML 32Page - Nuvoton Technology Corporation NUC100LD2DN Datasheet HTML 33Page - Nuvoton Technology Corporation NUC100LD2DN Datenblatt HTML 34Page - Nuvoton Technology Corporation NUC100LD2DN Datenblatt HTML 35Page - Nuvoton Technology Corporation NUC100LD2DN Datenblatt HTML 36Page - Nuvoton Technology Corporation NUC100LD2DN Datenblatt HTML 37Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 33 of 107
Rev 1.01
Pin No.
Pin Name
Pin Type Description
LQFP
100-pin
LQFP
64-pin
LQFP
48-pin
87
53
41
PC.7
I/O
General purpose digital I/O pin.
CPN0
AI
Comparator0 negative input pin.
SC1CD
I
SmartCard1 card detect pin.
AD5
I/O
EBI Address/Data bus bit5
88
54
42
PC.6
I/O
General purpose digital I/O pin.
CPP0
AI
Comparator0 positive input pin.
SC0CD
I
SmartCard0 card detect pin.
AD4
I/O
EBI Address/Data bus bit4
89
55
PC.15
I/O
General purpose digital I/O pin.
CPN1
AI
Comparator1 negative input pin.
AD3
I/O
EBI Address/Data bus bit3
90
56
PC.14
I/O
General purpose digital I/O pin.
CPP1
AI
Comparator1 positive input pin.
AD2
I/O
EBI Address/Data bus bit2
91
57
43
PB.15
I/O
General purpose digital I/O pin.
/INT1
I
External interrupt1 input pin.
T0EX
I
Timer0 external capture input pin.
92
58
44
PF.0
I/O
General purpose digital I/O pin.
XT1_OUT
O
External 4~24 MHz (high speed) crystal output pin.
93
59
45
PF.1
I/O
General purpose digital I/O pin.
XT1_IN
I
External 4~24 MHz (high speed) crystal input pin.
94
60
46
/RESET
I
External reset input: active LOW, with an internal pull-up. Set this
pin low reset chip to initial state.
95
61
VSS
P
Ground pin for digital circuit.
96
62
VDD
P
Power supply for I/O ports and LDO source for internal PLL and
digital circuit.
97
PF.2
I/O
General purpose digital I/O pin.
PS2DAT
I/O
PS/2 data pin.
98
PF.3
I/O
General purpose digital I/O pin.
PS2CLK
I/O
PS/2 clock pin.
99
63
47
PVSS
P
PLL ground.
100
64
48
PB.8
I/O
General purpose digital I/O pin.
STADC
I
ADC external trigger input.
TM0
I/O
Timer0 event counter input / toggle output.
Note: Pin Type I = Digital Input, O = Digital Output; AI = Analog Input; P = Power Pin; AP = Analog Power


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn