Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GS6G-S09F Datasheet(Fiches technique) 2 Page - Yuan Dean Scientific., Co, LTD.

Numéro de pièce GS6G-S09F
Description  Green AC-DC Converter
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Site Internet  http://www.yds.com.tw/index.php?lang=en
Logo 

GS6G-S09F Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
YUAN DEAN SCIENTIFIC CO.,LTD
GS6G SERIES
Rev:0 2019/04/22
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Switching Frequency
Vi nom, Io nom
65
KHz
Isolation Voltage
Input / Output
3KVac/ 5mA/5Secs
Isolation Resistance
Input / Output,@500Vdc
100
Operating
Temperature
Refer to Temperature
Derating Graph
-40
+85
Storage Temperature
Non Operational
-40
+105
Relative Humidity
Vi nom, Io nom
85
% RH
Safety Standards
Design refer to UL62368-1,IEC62368-1
EMI Conduction &
Radiation
EN55032,CLASS B(See Fig. 1 for recommended circuit)
EMS Immunity
EN61000 (See Fig. 1 for recommended circuit)
Dimension
L35.0 x W11.0 x H19.5 mm
Cooling
Free air convection
Rev:0 2017/8/30
Part Number
EMC Solution-Recommended Circuit
GS6G -
S
05
X
A
B
C
D
A : Series
B : Single Output
C : Output Voltage
D : Output Power
ACL
FUSE
ACN
MOV
LF
CY1
CY2
ACL
ACN
AC/DC
12
+Vo
-Vo
10
C3
+
+Vo
-Vo
TVS
CY0
CX
7
5
C1
+
C2
+
L1
FUSE
MOV
LF
CX
CY1
CY2
C1
3.3~48V
250V/1A
07D471K
UU9.8,30mH Min
0.1uF/275V
470pF/250V
12uF/450V
CY0
C2
C3
L1
3.3~5V
1000pF/250V
9~15V
680uF/10V
220uF/25V
470uF/10V
2.2uH
24~48V
33uF/63V
TVS
3.3~5V
9V
12V,15V
24V
SMBJ7.0A SMBJ12A
SMBJ20A
SMBJ30A
100uF/25V
33uF/63V
36V
SMBJ43A
48V
SMBJ57A
Fig.1
Markings and Dimensions
1
3
5
7
10
12
GS6G-SXX
GS6G-SXXF
35.0MAX
TRANSFORMER
27.94
0.5
5.08
5.08
1.3
27.94
35.0MAX
0.5
5.08
1
3
5
7
10
12
UNIT:mm Unless otherwise specified,all tolerances are ±0.5
TRANSFORMER
5.08
1.4


Html Pages

1  2 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn