Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

GS6G-S09F Datasheet(Fiches technique) 1 Page - Yuan Dean Scientific., Co, LTD.

Numéro de pièce GS6G-S09F
Description  Green AC-DC Converter
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Site Internet  http://www.yds.com.tw/index.php?lang=en
Logo 

GS6G-S09F Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YUAN DEAN SCIENTIFIC CO.,LTD
GS6G SERIES
Rev:0 2019/04/22
FEATURES:
Universal Input 90~305VAC
High Efficiency Up To 85%
Protection: Short Circuit / Over Load
Energy Efficiency Conforms to DOE6
No Load Power Consumption<0.1W
Ultra small size
3 Years Warranty
ROHS Compliant
Green AC-DC Converter
GS6G SERIES
6Watt
3KVac Isolated
Single Output
Open Frame
Specifications typical at TA=25°C, nominal input voltage and
rated output current unless otherwise specified
Part Number
Output
Wattage
Output
Voltage
Output
Current
Efficiency
Max. Capacitive
Load
(W)
(VDC)
(mA)
(TYP %)
(μF)
GS6G-S03(F)-X
3.3
3.3
1000
71
2200
GS6G-S05(F)-X
5
5
1000
75
2200
GS6G-S09(F)-X
6
9
667
82
1300
GS6G-S12(F)-X
6
12
500
83
820
GS6G-S15(F)-X
6
15
400
83
470
GS6G-S24(F)-X
6
24
250
85
180
GS6G-S36(F)-X
6
36
167
85
120
GS6G-S48(F)-X
6
48
125
85
68
YUAN DEAN SCIENTIFIC
Temperature Derating Graph
Ambient Temperature(℃)
100
80
60
40
0
-20
55
85
Nature Convection
-40
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Rated Input Voltage
Vo,Io nom
100~277
Vac
Voltage Range
Vo, Io nom
AC in
90
305
Vac
DC in
70
430
Vdc
Line Frequency
Vi nom, Io nom
47
63
Hz
Input Current
Io nom
Vi:115VAC
0.12
A
Vi:230VAC
0.06
A
Inrush Current
Io nom
Vi:115VAC
10
A
Vi:230VAC
15
A
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
Vi nom, Io nom
±5
%
Minimum Load
Vi nom
0
%
Line Regulation
Io nom, Vi min…Vi max
±1.5
%
Load Regulation
5%~100% Load
±2.5
%
No Load
0.1
W
Ripple & Noise
Vi nom, Io nom, BW=20MHz(3.3-5V)
50
150
mVp-p
Ripple & Noise
Vi nom, Io nom, BW=20MHz(9-24V)
80
150
mVp-p
Ripple & Noise
Vi nom, Io nom, BW=20MHz(36-48V)
150
240
mVp-p
Protection
Over Load
Above 110% rated output power
Protection type: Recovers automatically
after fault condition is removed
Short circuit
Recovers automatically after fault
condition is removed
Note:
1. Add suffix “F” for 90°bending Products. For example: GS6G-S05F, GS6G-S12F
2. X= ONE digit representing the output power (W) The output power is rising in steps of 1W from 1W
to the max. output Power; When the output power is maximum power, X is omitted.
E.g:3W=GS6G-S05-3, GS6G-S15-3
6W=GS6G-S05, GS6G-S15


Html Pages

1  2 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn