Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62026DRCRG4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS62026DRCRG4
Description  600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS62026DRCRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS62026DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 10Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 11Page - Texas Instruments TPS62026DRCRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
1.18
1.18
1.19
1.19
1.20
1.20
1.21
1.21
1.22
1.22
1.23
1.23
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
5.7
6
VI − Input Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
5.7
6
VI − Input Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
0.080
0.090
0.100
0.110
0.120
0.130
0.140
0.150
0.160
0.170
0.180
VI = 3.6 V,
VO = 1.8 V,
PWM/PFM Operation
50
µs/div
2.5
2.9
3.3
3.7
4.1
4.5
4.9
5.3
5.7
6
VI − Input Voltage − V
TA = 85°C
TA = 25°C
TA = −40°C
0.050
0.060
0.070
0.080
0.090
0.100
0.110
0.120
0.130
0.140
0.150
TPS62020
TPS62021
TPS62026
SLVS076C – JUNE 2003 – REVISED DECEMBER 2004
SWITCHING FREQUENCY
P-CHANNEL rDS(on)
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 7.
Figure 8.
N-CHANNEL RECTIFIER rDS(on)
vs
INPUT VOLTAGE
LOAD TRANSIENT RESPONSE
Figure 9.
Figure 10.
8


Numéro de pièce similaire - TPS62026DRCRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62026DRCRG4 TI1-TPS62026DRCRG4 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results

Description similaire - TPS62026DRCRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62690 TI1-TPS62690 Datasheet
875Kb / 27P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_07 Datasheet
745Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62691YFF TI-TPS62691YFF Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com