Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISD5116EYI Fiches technique(PDF) 37 Page - Nuvoton Technology Corporation

No de pièce ISD5116EYI
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD5116EYI Fiches technique(HTML) 37 Page - Nuvoton Technology Corporation

Back Button ISD5116EYI Datasheet HTML 33Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 34Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 35Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 36Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 37Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 38Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 39Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 40Page - Nuvoton Technology Corporation ISD5116EYI Datasheet HTML 41Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 37 -
Revision 1.42
6.5.3
Reading Digital Data
The Digital Read command utilizes the combined I
2C command format. That is, a command is sent to
the chip using the write data direction. Then the data direction is reversed by sending a repeated
start condition, and the slave address with R/W set to 1. After this, the slave device (ISD5100-
Series) begins to send data to the master until the master generates a NACK. If the part encounters
an overflow condition, the
INT pin is pulled LOW. No other communication with the master is
possible due to the master generating ACK signals.
Digital Write and Digital Read can be done a “block” at a time. Thus, only 64 bits need be read in
each Digital Read command sequence.
6.5.4
Example Command Sequences
An explanation and graphical representation of the Erase, Write and Read operations are found
below.
Note: All sequences assumes that the chip is in power-down mode before the commands are sent.
6.5.4.1. Erase Digital Data
Erase
=====
I2CStart
SendByte(0x80)
- Write, Slave address zero
WaitACK
WaitSCLHigh
SendByte(0xc0)
- Enter Digital Mode Command
WaitACK
WaitSCLHigh
I2CStop
I2CStart
SendByte(0x80)
- Write, Slave address zero
WaitACK
WaitSCLHigh
SendByte(0xd1)
- Digital Erase Command
WaitACK
WaitSCLHigh


Numéro de pièce similaire - ISD5116EYI

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
ISD5116E WINBOND-ISD5116E Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
ISD5116ED WINBOND-ISD5116ED Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
ISD5116EI WINBOND-ISD5116EI Datasheet
735Kb / 57P
   Single-Chip Voice Record/Playback Device Up to 16-Minute Duration with Digital Storage Capability
More results

Description similaire - ISD5116EYI

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com