Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M52LC Fiches technique(PDF) 24 Page - Nuvoton Technology Corporation

No de pièce M52LC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M52LC Fiches technique(HTML) 24 Page - Nuvoton Technology Corporation

Back Button M52LC Datasheet HTML 20Page - Nuvoton Technology Corporation M52LC Datasheet HTML 21Page - Nuvoton Technology Corporation M52LC Datasheet HTML 22Page - Nuvoton Technology Corporation M52LC Datasheet HTML 23Page - Nuvoton Technology Corporation M52LC Datasheet HTML 24Page - Nuvoton Technology Corporation M52LC Datasheet HTML 25Page - Nuvoton Technology Corporation M52LC Datasheet HTML 26Page - Nuvoton Technology Corporation M52LC Datasheet HTML 27Page - Nuvoton Technology Corporation M52LC Datasheet HTML 28Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
NuMicro
M052/M054BN Datasheet
Publication Release Date: Mar. 19, 2012
- 24 -
Revision V1.01
6.2.3
System Power Architecture
In this device, the power architecture is divided into three segments.
Analog power from AVDD and AVSS provides the power for analog module operation.
Digital power from VDD and VSS supplies the power to the internal regulator which
provides a fixed 1.8V power for digital operation and I/O pins.
The outputs of internal voltage regulator, which is LDO, require an external capacitor which
should be located close to the corresponding pin. The Figure 6-2 shows the power architecture of
this device.
5V to 1.8V
LDO
PLL
12-bit
SAR-ADC
Brown
Out
Detector
POR50
POR18
Low
Voltage
Reset
Analog Comparator
Temperature
Seneor
FLASH
Digital Logic
1.8V
Internal
22.1184 MHz & 10 kHz
Oscillator
AVDD
AVSS
LDO
1uF
IO cell
P0 - P4
M051 Series
Power
Distribution
Figure 6-2 NuMicro M051
Series Power Architecture Diagram


Numéro de pièce similaire - M52LC

FabricantNo de pièceFiches techniqueDescription
logo
Elite Semiconductor Mem...
M52L32321A ESMT-M52L32321A Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A-10BG ESMT-M52L32321A-10BG Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A-6BG ESMT-M52L32321A-6BG Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A-7.5BG ESMT-M52L32321A-7.5BG Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results

Description similaire - M52LC

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com