Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M52LC Fiches technique(PDF) 7 Page - Nuvoton Technology Corporation

No de pièce M52LC
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M52LC Fiches technique(HTML) 7 Page - Nuvoton Technology Corporation

Back Button M52LC Datasheet HTML 3Page - Nuvoton Technology Corporation M52LC Datasheet HTML 4Page - Nuvoton Technology Corporation M52LC Datasheet HTML 5Page - Nuvoton Technology Corporation M52LC Datasheet HTML 6Page - Nuvoton Technology Corporation M52LC Datasheet HTML 7Page - Nuvoton Technology Corporation M52LC Datasheet HTML 8Page - Nuvoton Technology Corporation M52LC Datasheet HTML 9Page - Nuvoton Technology Corporation M52LC Datasheet HTML 10Page - Nuvoton Technology Corporation M52LC Datasheet HTML 11Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 71 page
background image
NuMicro
M052/M054BN Datasheet
Publication Release Date: Mar. 19, 2012
- 7 -
Revision V1.01
1
GENERAL DESCRIPTION
The NuMicro M051
series is a 32-bit microcontroller with embedded ARM® Cortex-M0 core for
industrial control and applications which need rich communication interfaces. The Cortex
-M0 is
the newest ARM embedded processor with 32-bit performance and at a cost equivalent to
traditional 8-bit microcontroller. The NuMicro M051
series includes M052, M054, M058 and
M0516 families.
The M052/M054 can run up to 50 MHz. Thus it can afford to support a variety of industrial control
and applications which need high CPU performance. The M052/M054 has 8K/16K-byte
embedded flash, 4K-byte data flash, 4K-byte flash for the ISP, and 4K-byte embedded SRAM.
Many system level peripheral functions, such as I/O Port, EBI (External Bus Interface), Timer,
UART, SPI, I2C, PWM, ADC, Watchdog Timer and Brownout Detector, have been incorporated
into the M052/M054 in order to reduce component count, board space and system cost. These
useful functions make the M052/M054 powerful for a wide range of applications.
Additionally, the M052/M054 is equipped with ISP (In-System Programming) and ICP (In-Circuit
Programming) functions, which allow the user to update the program memory without removing
the chip from the actual end product.


Numéro de pièce similaire - M52LC

FabricantNo de pièceFiches techniqueDescription
logo
Elite Semiconductor Mem...
M52L32321A ESMT-M52L32321A Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A-10BG ESMT-M52L32321A-10BG Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A-6BG ESMT-M52L32321A-6BG Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L32321A-7.5BG ESMT-M52L32321A-7.5BG Datasheet
870Kb / 30P
   512K x 32Bit x 2Banks Synchronous DRAM
M52L64164A ESMT-M52L64164A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results

Description similaire - M52LC

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com