Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M516-ZN Fiches technique(PDF) 55 Page - Nuvoton Technology Corporation

No de pièce M516-ZN
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M516-ZN Fiches technique(HTML) 55 Page - Nuvoton Technology Corporation

Back Button M516-ZN Datasheet HTML 51Page - Nuvoton Technology Corporation M516-ZN Datasheet HTML 52Page - Nuvoton Technology Corporation M516-ZN Datasheet HTML 53Page - Nuvoton Technology Corporation M516-ZN Datasheet HTML 54Page - Nuvoton Technology Corporation M516-ZN Datasheet HTML 55Page - Nuvoton Technology Corporation M516-ZN Datasheet HTML 56Page - Nuvoton Technology Corporation M516-ZN Datasheet HTML 57Page - Nuvoton Technology Corporation M516-ZN Datasheet HTML 58Page - Nuvoton Technology Corporation M516-ZN Datasheet HTML 59Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 71 page
background image
NuMicro
M058/M0516BN Datasheet
Publication Release Date: Mar. 19, 2012
- 55 -
Revision V1.01
8
ELECTRICAL CHARACTERISTICS
8.1
Absolute Maximum Ratings
SYMBOL
PARAMETER
MIN
MAX
UNIT
DC Power Supply
VDD VSS
-0.3
+7.0
V
Input Voltage
VIN
VSS-0.3
VDD +0.3
V
Oscillator Frequency
1/tCLCL
4
24
MHz
Operating Temperature
TA
-40
+85
°C
Storage Temperature
TST
-55
+150
°C
Maximum Current into
VDD
-
120
mA
Maximum Current out of
VSS
120
mA
Maximum Current sunk by a I/O pin
35
mA
Maximum Current sourced by a I/O
pin
35
mA
Maximum Current sunk by total I/O
pins
100
mA
Maximum Current sourced by total
I/O pins
100
mA
Note: Exposure to conditions beyond those listed under absolute maximum ratings may adversely affects the lift and reliability of the device.


Numéro de pièce similaire - M516-ZN

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M51660 MITSUBISHI-M51660 Datasheet
75Kb / 4P
   SERVO MOTOR CONTROL FOR RADIO CONTROL
M51660L MITSUBISHI-M51660L Datasheet
75Kb / 4P
   SERVO MOTOR CONTROL FOR RADIO CONTROL
More results

Description similaire - M516-ZN

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com