Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISD5116EY Datasheet(Fiches technique) 26 Page - Nuvoton Technology Corporation

Numéro de pièce ISD5116EY
Description  SINGLE-CHIP
Télécharger  90 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD5116EY Datasheet(HTML) 26 Page - Nuvoton Technology Corporation

Back Button ISD5116EY Datenblatt HTML 22Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 23Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 24Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 25Page - Nuvoton Technology Corporation ISD5116EY Datasheet HTML 26Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 27Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 28Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 29Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 30Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 26 -
Revision 1.42
4. Select the SUM1 SUMMING amplifier path through the FILTER MUX—Bit FLS0 controls the
state of the FILTER MUX. This is bit D4 of CFG1 and it must be set to ZERO to select the
SUM1 SUMMING amplifier path.
5. Power up the LOW PASS FILTER—Bit FLPD controls the power up state of the LOW PASS
FILTER stage. This is bit D1 of CFG1 and it must be set to ZERO to power up the LOW PASS
FILTER STAGE.
6. Select the 5.3 kHz sample rate—Bits FLD0 and FLD1 select the Low Pass filter setting and
sample rate to be used during record and playback. These are bits D2 and D3 of CFG1. To
enable the 5.3 kHz sample rate, D2 must be set to ZERO and D3 set to ONE.
7. Select the LOW PASS FILTER input (only) to the S2 SUMMING amplifier—Bits S2M0 and
S2M1 control the state of the SUM2 SUMMING amplifier. These are bits D5 and D6
respectively of CFG1 and they should be set to the state where D5 is ZERO and D6 is ONE to
select the LOW PASS FILTER (only) path.
To set up the chip for Memo Record, the configuration registers are set up as follows:
CFG0=0010 0100 0010 0001 (hex 2421).
CFG1=0000 0001 0100 1000 (hex 0148).
Only those portions necessary for this mode are powered up.
6.3.10 Memo and Call Playback
This mode sets the chip up for local playback of messages recorded earlier. The playback path is from
the MULTILEVEL STORAGE ARRAY to the FILTER MUX, then to the LOW PASS FILTER stage.
From there, the audio path goes through the SUM2 SUMMING amplifier to the VOLUME MUX,
through the VOLUME CONTROL then to the SPEAKER output stage. We will assume that we are
driving a piezo speaker element. This audio was previously recorded at 8 kHz. All unnecessary stages
will be powered down.
1. Select the MULTILEVEL STORAGE ARRAY path through the FILTER MUX—Bit FLS0, the
state of the FILTER MUX. This is bit D4 of CFG1 and must be set to ONE to select the
MULTILEVEL STORAGE ARRAY.
2. Power up the LOW PASS FILTER—Bit FLPD controls the power up state of the LOW PASS
FILTER stage. This is bit D1 of CFG1 and it must be set to ZERO to power up the LOW PASS
FILTER STAGE.
3. Select the 8.0 kHz sample rate—Bits FLD0 and FLD1 select the Low Pass filter setting and
sample rate to be used during record and playback. These are bits D2 and D3 of CFG1. To
enable the 8.0 kHz sample rate, D2 and D3 must be set to ZERO.
4. Select the LOW PASS FILTER input (only) to the S2 SUMMING amplifier —Bits S2M0 and
S2M1 control the state of the SUM2 SUMMING amplifier. These are bits D5 and D6
respectively of CFG1 and they should be set to the state where D5 is ZERO and D6 is ONE to
select the LOW PASS FILTER (only) path.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn