Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISD5116EY Datasheet(Fiches technique) 23 Page - Nuvoton Technology Corporation

Numéro de pièce ISD5116EY
Description  SINGLE-CHIP
Télécharger  90 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

ISD5116EY Datasheet(HTML) 23 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 23 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 23 -
Revision 1.42
To select this mode, the following control bits must be configured in the ISD5100 Series configuration
registers. To set up the transmit path:
1. Select the FTHRU path through the ANA OUT MUX—Bits AOS0, AOS1 and AOS2 control the
state of the ANA OUT MUX. These are the D6, D7 and D8 bits respectively of Configuration
Register 0 (CFG0) and they should all be ZERO to select the FTHRU path.
2. Power up the ANA OUT amplifier—Bit AOPD controls the power up state of ANA OUT. This is
bit D5 of CFG0 and it should be a ZERO to power up the amplifier.
To set up the receive path:
1. Set up the ANA IN amplifier for the correct gain—Bits AIG0 and AIG1 control the gain settings
of this amplifier. These are bits D14 and D15 respectively of CFG0. The input level at this pin
determines the setting of this gain stage. The ANA IN Amplifier Gain Settings table on page
36 will help determine this setting. In this example, we will assume that the peak signal never
goes above 1 volt p-p single ended. That would enable us to use the 9 dB attenuation setting,
or where D14 is ONE and D15 is ZERO.
2. Power up the ANA IN amplifier—Bit AIPD controls the power up state of ANA IN. This is bit
D13 of CFG0 and should be a ZERO to power up the amplifier.
3. Select the ANA IN path through the OUTPUT MUX—Bits OPS0 and OPS1 control the state of
the OUTPUT MUX. These are bits D3 and D4 respectively of CFG0 and they should be set to
the state where D3 is ONE and D4 is ZERO to select the ANA IN path.
4. Power up the Speaker Amplifier—Bits OPA0 and OPA1 control the state of the Speaker and
AUX amplifiers. These are bits D1 and D2 respectively of CFG0. They should be set to the
state where D1 is ONE and D2 is ZERO. This powers up the Speaker Amplifier and
configures it for its higher gain setting for use with a piezo speaker element and also powers
down the AUX output stage.
The status of the rest of the functions in the ISD5100 Series chip must be defined before the con-
figuration registers settings are updated:
1.
Power down the Volume Control Element—Bit VLPD controls the power up state of the
Volume Control. This is bit D0 of CFG0 and it should be set to a ONE to power down this
stage.
2.
Power down the AUX IN amplifier—Bit AXPD controls the power up state of the AUX IN input
amplifier. This is bit D10 of CFG0 and it should be set to a ONE to power down this stage.
3.
Power down the SUM1 and SUM2 Mixer amplifiers—Bits S1M0 and S1M1 control the SUM1
mixer and bits S2M0 and S2M1 control the SUM2 mixer. These are bits D7 and D8 in CFG1
and bits D5 and D6 in CFG1 respectively. All 4 bits should be set to a ONE to power down
these two amplifiers.
4.
Power down the FILTER stage—Bit FLPD controls the power up state of the FILTER stage in
the device. This is bit D1 in CFG1 and should be set to a ONE to power down the stage.
5.
Power down the AGC amplifier—Bit AGPD controls the power up state of the AGC amplifier.
This is bit D0 in CFG1 and should be set to a ONE to power down this stage.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn