Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISD5116EY Datasheet(Fiches technique) 22 Page - Nuvoton Technology Corporation

Numéro de pièce ISD5116EY
Description  SINGLE-CHIP
Télécharger  90 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

ISD5116EY Datasheet(HTML) 22 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 22 -
Revision 1.42
Record Mode
The command sequence for an Analog Record would be a four byte sequence consisting of the Slave
Address (80h), the Command Byte (91h) for Record Analog @ Address, and the two address bytes.
See “Load Command Byte Register (Address Load)” in section 7.3.2 on page 17.
6.3.7
Feed Through Mode
The previous examples were dependent upon the device already being powered up and the various
paths being set through the device for the desired operation. To set up the device for the various
paths requires loading the two 16-bit Configuration Registers with the correct data. For example, in
the Feed Through Mode the device only needs to be powered up and a few paths selected.
This mode enables the ISD5100 Series to connect to a cellular or cordless base band phone chip set
without affecting the audio source or destination. There are two paths involved, the transmit path and
the receive path. The transmit path connects the Nuvoton chip’s microphone source through to the
microphone input on the base band chip set. The receive path connects the base band chip set’s
speaker output through to the speaker driver on the Nuvoton chip. This allows the Nuvoton chip to
substitute for those functions and incidentally gain access to the audio to and from the base band chip
set.
To set up the environment described above, a series of commands need to be sent to the ISD5100-
Series. First, the chip needs to be powered up as described in this section. Then the Configuration
Registers must be filled with the specific data to connect the paths desired. In the case of the Feed
Through Mode, most of the chip can remain powered down. The following figure illustrates the
affected paths.
The figure above shows the part of the ISD5100 Series block diagram that is used in Feed Through
Mode. The rest of the chip will be powered down to conserve power. The bold lines highlight the audio
paths. Note that the Microphone to ANA OUT +/– path is differential.
Microphone
Mic+
Mic-
Chip Set
ANA OUT+
ANA OUT-
Chip Set
ANA IN
Speaker
SP+
SP-
OUTPUT
MUX
ANA IN
AMP
6 dB
ANA OUT
MUX
FTHRU
INP
FILTO
SUM1
SUM2
VOL
VOL
FILTO
ANA IN AMP
SUM2
3 [AOS2,AOS1,AOS0]
1 [AOPD]
2 [OPA1,OPA0]
2 [OPS1,OPS0]
2 [AIG1,AIG0]
1 [APD]


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn