Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISD5116EY Datasheet(Fiches technique) 21 Page - Nuvoton Technology Corporation

Numéro de pièce ISD5116EY
Description  SINGLE-CHIP
Télécharger  90 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD5116EY Datasheet(HTML) 21 Page - Nuvoton Technology Corporation

Back Button ISD5116EY Datenblatt HTML 17Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 18Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 19Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 20Page - Nuvoton Technology Corporation ISD5116EY Datasheet HTML 21Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 22Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 23Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 24Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 25Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 21 -
Revision 1.42
AGC AMP Power Down
Filter Power Down
SAMPLE RATE (& Filter) Set up (2 bits)
FILTER MUX Select
SUM 2 SUMMING AMP Control (2 bits)
SUM 1 SUMMING AMP Control (2 bits)
SUM 1 MUX Select (2 bits)
VOLUME CONTROL (3 bits)
VOLUME CONT. MUX Select (2 bits)
Configuration Register 1 (CFG1)
VLS1 VLS0 VOL2 VOL1 VOL0 S1S1 S1S0 S1M1 S1M0 S2M1 S2M0 FLS0 FLD1 FLD0 FLPD AGPD
D15 D14 D13 D12 D11 D10 D9
D8
D7 D 6 D5
D4
D3
D2
D1
D0
AGC AMP Power Down
Filter Power Down
SAMPLE RATE (& Filter) Set up (2 bits)
FILTER MUX Select
SUM 2 SUMMING AMP Control (2 bits)
SUM 1 SUMMING AMP Control (2 bits)
SUM 1 MUX Select (2 bits)
VOLUME CONTROL (3 bits)
VOLUME CONT. MUX Select (2 bits)
Configuration Register 1 (CFG1)
VLS1 VLS0 VOL2 VOL1 VOL0 S1S1 S1S0 S1M1 S1M0 S2M1 S2M0 FLS0 FLD1 FLD0 FLPD AGPD
D15 D14 D13 D12 D11 D10 D9
D8
D7 D 6 D5
D4
D3
D2
D1
D0
VLS1 VLS0 VOL2 VOL1 VOL0 S1S1 S1S0 S1M1 S1M0 S2M1 S2M0 FLS0 FLD1 FLD0 FLPD AGPD
D15 D14 D13 D12 D11 D10 D9
D8
D7 D 6 D5
D4
D3
D2
D1
D0
VLS1 VLS0 VOL2 VOL1 VOL0 S1S1 S1S0 S1M1 S1M0 S2M1 S2M0 FLS0 FLD1 FLD0 FLPD AGPD
D15 D14 D13 D12 D11 D10 D9
D8
D7 D 6 D5
D4
D3
D2
D1
D0
6.3.6
Power-up Sequence
This sequence prepares the ISD5100 Series for an operation to follow, waiting the Tpud time before
sending the next command sequence.
1.
Send I
2C POWER UP
2.
Send one byte 10000000 {Slave Address, R/W = 0} 80h
3.
Slave ACK
4.
Wait for SCL High
5.
Send one byte 10000000 {Command Byte = Power Up} 80h
6.
Slave ACK
7.
Wait for SCL High
8.
Send I
2C STOP
Playback Mode
The command sequence for an analog Playback operation can be handled several ways. The most
straightforward approach would be to incorporate a single four byte exchange, which consists of the
Slave Address (80h), the Command Byte (A9h) for Play Analog @ Address, and the two address
bytes.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn