Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISD5116EY Datasheet(Fiches technique) 87 Page - Nuvoton Technology Corporation

Numéro de pièce ISD5116EY
Description  SINGLE-CHIP
Télécharger  90 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

ISD5116EY Datasheet(HTML) 87 Page - Nuvoton Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 87 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 87 -
Revision 1.42
ISD5102 Pad Coordinates
(with respect to die center in µm)
Pad
Pad Name
X Axis
Y Axis
VSSA
Analog Ground
1882.4
2306.65
RAC
Row Address Clock
1539.15
2306.65
INT
Interrupt
790.35
2306.65
XCLK
External Clock Input
478.55
2306.65
VCCD
Digital Supply Voltage
291.55
2306.65
VCCD
Digital Supply Voltage
76.15
2306.65
SCL
Serial Clock Line
-198.45
2306.65
A1
Address 1
-557.95
2306.65
SDA
Serial Data Address
-815.25
2306.65
A0
Address 0
-1366.45
2306.65
VSSD
Digital Ground
-1839.95
2306.65
VSSD
Digital Ground
-1668.35
2306.65
VSSA
Analog Ground
-1945.05
-2311.60
MIC+
Non-inverting Microphone Input
-1739.25
-2311.60
MIC-
Inverting Microphone Input
-1506.75
-2311.60
ANA OUT+
Non-inverting Analog Output
-1245.05
-2311.60
ANA OUT-
Inverting Analog Output
-910.85
-2311.60
ACAP
AGC/AutoMute Cap
-623.55
-2311.60
SP-
Speaker Negative
-127.75
-2311.60
VSSA
Analog Ground
205.85
-2311.60
VSSA
Analog Ground
295.85
-2311.60
SP+
Speaker Positive
629.45
-2311.60
VCCA
Analog Supply Voltage
963.05
-2311.60
VCCA
Analog Supply Voltage
1053.05
-2311.60
ANA IN
Analog Input
1260.35
-2311.60
AUX IN
Auxiliary Input
1525.95
-2311.60
AUX OUT
Auxiliary Output
1770.15
-2311.60


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn