Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISD5116EY Datasheet(Fiches technique) 80 Page - Nuvoton Technology Corporation

Numéro de pièce ISD5116EY
Description  SINGLE-CHIP
Télécharger  90 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

ISD5116EY Datasheet(HTML) 80 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 80 -
Revision 1.42
11.5.
ISD5116 DIE INFORMATION
ISD5116
V
SSA
MIC +
MIC -
ANA OUT +
ANA OUT -
ACAP
SP -
V
SSA
[2]
SP +
V
CCA
[2]
ANA IN
AUX IN
AUX OUT
V
SSD
V
SSD
A0
SDA
A1
SCL
V
CCD
XCLK
RAC
V
SSA
INT
V
CCD
ISD5116 Device
Die Dimensions
X: 4125 µm
Y: 8030 µm
Die Thickness [3]
292.1 µm ± 12.7 µm
Pad Opening
Single pad: 90 x 90 µm
Double pad: 180 x 90 µm
Notes
1.
The backside of die is internally connected to Vss. It MUST NOT be connected to any other potential or
damage may occur.
2.
Double bond recommended, if treated as single doubled-pad.
3.
This figure reflects the current die thickness. Please contact Nuvoton as this thickness may change in the
future.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn