Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISD5116EY Datasheet(Fiches technique) 79 Page - Nuvoton Technology Corporation

Numéro de pièce ISD5116EY
Description  SINGLE-CHIP
Télécharger  90 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD5116EY Datasheet(HTML) 79 Page - Nuvoton Technology Corporation

Back Button ISD5116EY Datenblatt HTML 75Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 76Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 77Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 78Page - Nuvoton Technology Corporation ISD5116EY Datasheet HTML 79Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 80Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 81Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 82Page - Nuvoton Technology Corporation ISD5116EY Datenblatt HTML 83Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 79 -
Revision 1.42
11.4.
28-LEAD 600-MIL PLASTIC DUAL INLINE PACKAGE (PDIP)
Plastic Dual Inline Package (PDIP) (P) Dimensions
INCHES
MILLIMETERS
Min
Nom
Max
Min
Nom
Max
A
1.445
1.450
1.455
36.70
36.83
36.96
B1
0.150
3.81
B2
0.065
0.070
0.075
1.65
1.78
1.91
C1
0.600
0.625
15.24
15.88
C2
0.530
0.540
0.550
13.46
13.72
13.97
D
0.19
4.83
D1
0.015
0.38
E
0.125
0.135
3.18
3.43
F
0.015
0.018
0.022
0.38
0.46
0.56
G
0.055
0.060
0.065
1.40
1.52
1.65
H
0.100
2.54
J
0.008
0.010
0.012
0.20
0.25
0.30
S
0.070
0.075
0.080
1.78
1.91
2.03
0
15°
15°


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn