Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISD5116EY Datasheet(Fiches technique) 5 Page - Nuvoton Technology Corporation

Numéro de pièce ISD5116EY
Description  SINGLE-CHIP
Télécharger  90 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

ISD5116EY Datasheet(HTML) 5 Page - Nuvoton Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 5 -
Revision 1.42
2. FEATURES
Fully-Integrated Solution
Single-chip voice record/playback solution
Dual storage of digital and analog data
Durations
Device
ISD5102
ISD5104
ISD5108
ISD5116
Duration
1 to 2 minutes
2 to 4 minutes
4 to 8 minutes
8 to 16 minutes
Low Power Consumption
Supply Voltage
Commercial Temperature = +2.7V to +3.3V
Industrial Temperature = +2.7V to +3.3V (+2.7V to +3.6V for ISD5108 only)
Supports 2.0V and 3.0V interface logic
Operating Current:
ICC Play = 15 mA (typical)
ICC Rec = 30 mA (typical)
ICC Feedthrough = 12 mA (typical)
Standby Current:
ISB = 1µA (typical)
Most stages can be individually powered down to minimize power consumption
Enhanced Voice Features
One or two-way conversation record
One or two-way message playback
Voice memo record and playback
Private call screening
In-terminal answering machine
Personalized outgoing message
Private call announce while on call
Digital Memory Features
Device
ISD5102
ISD5104
ISD5108
ISD5116
Storage
Up to 512Kb
Up to 1 Mb
Up to 2 Mb
Up to 4 Mb
Storage of phone numbers, system configuration parameters and message address table in some application
Easy-to-use and Control
No compression algorithm development required
User-controllable sampling rates
Programmable analog interface
Standard & Fast mode I
2C serial interface (100kHz – 400 kHz)
Fully addressable for multiple messages
High Quality Solution
High quality voice and music reproduction
Nuvoton’s standard 100-year message retention (typical)
100K record cycles (typical) for analog data
10K record cycles (typical) for digital data
Options
Available in die form, TSOP and SOIC and PDIP (ISD5116 Only)
Temperature: Commercial – Packaged (0 to +70°C) & die (0 to +50°C); Industrial (-40 to +85°C)
Pb-free package


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn