Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ISD5116EY Datasheet(Fiches technique) 32 Page - Nuvoton Technology Corporation

Numéro de pièce ISD5116EY
Description  SINGLE-CHIP
Télécharger  90 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

ISD5116EY Datasheet(HTML) 32 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 32 -
Revision 1.42
6.4.5
Speaker and Aux Out Description
Speaker
SP+
SP–
AUX OUT
Car Kit
(1 Vp -p Ma x)
ANA IN AMP
OUTPUT
MUX
FILTO
SUM2
2
VOL
(OPS1,OPS0)
2
(OPA1, OPA0)
INS0
15
14
13
12
11
10
98
7
6
54
32
10
AIG1
AIG0 AIPD
AXG1 AXG0 AXPD
AOS2AOS1 AOS0 AOPD OPS1 OPS0
OPA1 OPA0 VLPD
CFG0
OPS1
OPS0
SOURCE
0
0
VOL
0
1
ANA IN
1
0
FILTO
1
1
SUM2
OPA1
OPA0 SPKR DRIVE
AUX OUT
0
0
Power Down
Power Down
0
1
3.6 VP-P @ 150 Ω
Power Down
1
0
23.5 mWatt @ 8
Power Down
1
1
Power Down
1 VP-P Max @ 5 KΩ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn