Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N681387DG Fiches technique(PDF) 77 Page - Nuvoton Technology Corporation

No de pièce N681387DG
Description  Single Programmable Extended Codec/SLCC
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N681387DG Fiches technique(HTML) 77 Page - Nuvoton Technology Corporation

Back Button N681387DG Datasheet HTML 73Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 74Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 75Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 76Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 77Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 78Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 79Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 80Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 81Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 164 page
background image
N681386/87
Single Programmable Extended Codec/SLCC
Preliminary Datasheet Rev1.0
Page 77 of 164
January 2010
14. REGISTER DESCRIPTION
Please refer to the SPI command description to read and write instruction. For maximal forward compatibility, it is
recommended that “0” be written to reserved bits.
“RES” in the register map means Reserved.
ASYNC means the device does not require a clock to be able to read or write
12-Bits – specific register has 12-bits
Addr
(Dec)
Addr
(Hex)
Name
D7
D6
D5
D4
D3
D2
D1
D0
Default
(Hex)
R/W
ASYNC
/12Bit
PCM CONTROL REGISTERS
0
00
PCMC
CMS[1:0]
BM
GCLK
BDAEN
TRI
RES
EN
00
R/W
ASYNC
(D5-D0)
1
01
TTLNB
TTSNB[7:0]
00
R/W
ASYNC
2
02
RTLNB
RTSNB[7:0]
00
R/W
ASYNC
3
03
TCH
RTSWB[9:8]
TTSWB[9:8]
RTSNB[9:8]
TTSNB[9:8]
50
R/W
ASYNC
4
04
PLLS
PLLCM
CLK1544EN
FSRATE
BCFS[3:0] (RO)
PL (RO)
D9
R/W
ASYNC
(D7,D5)
5
05
PCMFS
BCF[3:0]
IFST
FSS
WBEN
SRES
00
R/W
ASYNC
(D7-D1)
6
06
SIREV
SIREV[7:0]
00
R
7
07
DVID
VER[7:0]
C0
R
8
08
TTLWB
TTSWB[7:0]
00
R/W
ASYNC
9
09
RTLWB
RTSWB[7:0]
00
R/W
ASYNC
FSK REGISTERS
16
10
FSKC
PE
PEN
PTYP
POL
TX
STOP
SPEC
EN
00
R/W
17
11
FSKTD
FSK[7:0]
00
R/W
18
12
FSKS
RES
FF
RES
FEP
03
R
19
13
FSKLCR
RES
GAIN[3:0]
00
R/W
20
14
FSKTCR
RES
FSKR
FMT
00
R/W
Diagnostics
21
15
DIAGCTRL0
FIFOIP
DCREN
ACLPFEN
DCLPFEN
FIFOEN
SIGNED
RES
DIAGEN
00
22
16
DIAGCTRL1
TRACNEG
ACSEL[2:0]
TRDCNEG
DCSEL[2:0]
00
23
17
DIAGCTRL2
VHI[7:0]
00
24
18
DIAGCTRL3
RES
SELT[2:0]
VHI[11:8]
00
25
19
DIAGCTRL4
VLO[7:0]
00
26
1A
DIAGCTRL5
DCRDC
DCRAC
DCRRC
RES
VOL[11:8]
00
27
1B
DIAGCTRL6
TIMER[7:0] (RO)
00
28
1C
DIAGCTRL7
TMREN
RES
TIMER[12:8] (RO)
00
29
1D
DIAGCTRL8
DCDP[11:0] (RO)
ACDP[11:0] (RO)
00
RO
30
1E
DIAGFIFO0
FIFO0[31:0] (RO)
00
RO
31
1F
DIAGFIFO1
FIFO1[31:0] (RO)
00
RO
SYSTEM REGISTERS
32
20
PHF
RES
DACFF[1:0]
ADCFF[1:0]
ADCHP
DACHP
80
R/W
33
21
LB
DACPOL
ADCPOL
RES
ALP2
ALP1
DLP3
DLP2
DLP1
00
R/W
34
22
PON
CDCC
RES
DACPP
ADCPP
DCC
01
R/W
35
23
ILIM
ZCPINV
ZCPEN
RNGGAIN
RIPS
TINS
ILMGAIN
CALTR1
CALTR0
00
R/W
INTERUPT REGISTERS
36
24
INTV
RES
IR3C1
IR2C1
IR1C1
00
R/W
38
26
INT1
PAT3
PAR3
PAT1
PAR1
PAR2
PAT2
LC
RT
00
R/W
39
27
IE1
PAT3E
PAR3E
PAT1E
PAR1E
PAR2E
PAT2E
LCE
RTE
00
RO
40
28
INT2
FSKI
DTMFI
RI
RA
O2I
O2A
O1I
O1A
00
R/W
41
29
IE2
FSKIE
DTMFIE
RIE
RAE
O2IE
O2AE
O1IE
O1AE
00
R/W
42
2A
INT3
RES
GKDI
RES
TMP
00
R/W
43
2B
IE3
RES
GKDIE
RES
TMPE
00
R/W
DTMF REGISTERS


Numéro de pièce similaire - N681387DG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N681622YG NUVOTON-N681622YG Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
More results

Description similaire - N681387DG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N682386 NUVOTON-N682386 Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Agere Systems
T8535B AGERE-T8535B Datasheet
929Kb / 50P
   T8535B/T8536B Quad Programmable Codec
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com