Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N681387DG Fiches technique(PDF) 34 Page - Nuvoton Technology Corporation

No de pièce N681387DG
Description  Single Programmable Extended Codec/SLCC
Download  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

N681387DG Fiches technique(HTML) 34 Page - Nuvoton Technology Corporation

Back Button N681387DG Datasheet HTML 30Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 31Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 32Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 33Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 34Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 35Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 36Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 37Page - Nuvoton Technology Corporation N681387DG Datasheet HTML 38Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 164 page
background image
N681386/87
Single Programmable Extended Codec/SLCC
Preliminary Datasheet Rev1.0
Page 34 of 164
January 2010
Register
Bit(s)
Address
Parameter
Programmable Range
APG
PALT[7:0]
0x9F
Power Alarm Counter
Increment on every rising edge of LOW
VDC or HIGH IDC; clip at 255;
Table 11: PWM DC/DC Power Alarm Counter
12.1.2.1.
THERMAL OVERLOAD
In addition to voltage and current monitoring described in section 6.1.1.1 “Linefeed States of Operation”, N681386/87
continuously monitors the power dissipation of each external transistor in the Linefeed circuitry. After Low Pass
Filtering, the power dissipation is compared against thresholds which are listed in Table 10. The threshold and the
Low Pass Filter pole are both programmable and should be set according to the characteristics of the individual
transistor as follows. The Low Pass Filter pole for QT1 and QR1 is given by the equation:
13
TC
2
T
800
1
1
]
0
:
12
[
C
1
Q
×
×
=
Where TTC is the thermal time constant of the external transistor. The threshold should be programmed according to
the maximum power dissipation of the external transistor. If the threshold is exceeded a power alarm event is
deemed to have occurred. An associated interrupt may be enabled. An automatic state transition into Open state
may be enabled by setting Power Alarm Automatic React (LAMC:PAA[2]) address (0x43)).
Register
Bit(s)
Address
Parameter
Description / Range
PALPQ1
PALPQH1
PALPQH2
Q1C[7:0]
Q1C[11:8]
Q1C[12]
0xA1
0xA3
0xA4
PA Low Pass Filter Pole for QT1
and QR1
See Register Description
PALPQ2
PALPQH1
PALPQH2
Q2C[7:0]
Q2C[11:8]
Q2C[12]
0xA0
0xA3
0xA4
PA Low Pass Filter Pole for QT2
and QR2
See Register Description
PALPQ3
PALPQH2
PALPQH2
Q2C[7:0]
Q3C[11:8]
Q3C[12]
0xA2
0xA3
0xA4
PA Low Pass Filter Pole for QT3
and QR3
See Register Description
PATHQ1
Q1TH[7:0]
0xA6
PA Threshold for QT1 and QR1
0 to 7.7 W in 30.4 mW steps
PATHQ2
Q2TH[7:0]
0xA5
PA Threshold for QT2 and QR2
0 to 0.97 W in 3.8 mW steps
PATHQ3
Q3TH[7:0]
0xA7
PA Threshold for QT3 and QR3
0 to 7.7 W in 30.4 mW steps
INT1
0x26
Power Alarm Interrupt
Enable/Disable
IE1
0x27
Power Alarm Interrupt Enable
Enable/Disable
LAMC
PAA[2]
0x43
Power Alarm Automatic React
Enable/Disable
Table 12: Registers Associated with Thermal Overload


Numéro de pièce similaire - N681387DG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N681622YG NUVOTON-N681622YG Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
More results

Description similaire - N681387DG

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
N682386 NUVOTON-N682386 Datasheet
1Mb / 160P
   Dual Programmable Extended Codec/SLCC SLFC
logo
Winbond
W681388 WINBOND-W681388 Datasheet
130Kb / 2P
   Single Programmable Extended CODEC/SLIC
W682388 WINBOND-W682388_1 Datasheet
131Kb / 2P
   Dual Programmable Extended CODEC/SLIC
logo
List of Unclassifed Man...
N682386EVM ETC2-N682386EVM Datasheet
178Kb / 3P
   Nuvoton - Pro-X CODEC/SLCC
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Agere Systems
T8535B AGERE-T8535B Datasheet
929Kb / 50P
   T8535B/T8536B Quad Programmable Codec
logo
Mitel Networks Corporat...
MH88614 MITEL-MH88614 Datasheet
90Kb / 10P
   Programmable CODEC SLIC Advance Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com