Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M54-LN Datasheet(Fiches technique) 9 Page - Nuvoton Technology Corporation

Numéro de pièce M54-LN
Description  32-BIT MICROCONTROLLER
Télécharger  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

M54-LN Datasheet(HTML) 9 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
NuMicro
M058/M0516 Data Sheet
Publication Release Date: May 30, 2011
- 9 -
Revision V2.00
Programmable baud-rate generator
Buffered receiver and transmitter, each with 15 bytes FIFO
Optional flow control function (CTS and RTS)
Supports IrDA(SIR) function
Supports RS485 function
SPI
Up to two sets of SPI device.
Supports master/slave mode
Master mode clock rate up to 20 MHz, and slave mode clock rate up to 10 MHz
Full duplex synchronous serial data transfer
Variable length of transfer data from 1 to 32 bits
MSB or LSB first data transfer
Rx latching data can be either at rising edge or at falling edge of serial clock
Tx sending data can be either at rising edge or at falling edge of serial clock
Supports Byte suspend mode in 32-bit transmission
I
2C
Supports master/slave mode
Bidirectional data transfer between masters and slaves
Multi-master bus (no central master).
Arbitration between simultaneously transmitting masters without corruption of serial data
on the bus
Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus.
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer.
Programmable clocks allow versatile rate control.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn