Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M54-LN Datasheet(Fiches technique) 48 Page - Nuvoton Technology Corporation

Numéro de pièce M54-LN
Description  32-BIT MICROCONTROLLER
Télécharger  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

M54-LN Datasheet(HTML) 48 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
NuMicro
M058/M0516 Data Sheet
Publication Release Date: May 30, 2011
- 48 -
Revision V2.00
System clock = internal 22.1184 MHz high speed oscillator
Baud rate
Mode0
Mode1
Mode2
921600
x
A=0,B=11
A=22
460800
A=1
A=1,B=15
A=2,B=11
A=46
230400
A=4
A=4,B=15
A=6,B=11
A=94
115200
A=10
A=10,B=15
A=14,B=11
A=190
57600
A=22
A=22,B=15
A=30,B=11
A=382
38400
A=34
A=62,B=8
A=46,B=11
A=34,B=15
A=574
19200
A=70
A=126,B=8
A=94,B=11
A=70,B=15
A=1150
9600
A=142
A=254,B=8
A=190,B=11
A=142,B=15
A=2302
4800
A=286
A=510,B=8
A=382,B=11
A=286,B=15
A=4606
Table 6-4 UART Baud Rate Setting Table
The UART0 and UART1 controllers support auto-flow control function that uses two low-level
signals, /CTS (clear-to-send) and /RTS (request-to-send), to control the flow of data transfer
between the UART and external devices (ex: Modem). When auto-flow is enabled, the UART is
not allowed to receive data until the UART asserts /RTS to external device. When the number of
bytes in the RX FIFO equals the value of RTS_TRI_LEV (UA_FCR [19:16]), the /RTS is de-
asserted. The UART sends data out when UART controller detects /CTS is asserted from external
device. If a valid asserted /CTS is not detected the UART controller will not send data out.
The UART controllers also provides Serial IrDA (SIR, Serial Infrared) function (User must set
IrDA_EN (UA_FUN_SEL[1:0]) to enable IrDA function). The SIR specification defines a short-
range infrared asynchronous serial transmission mode with one start bit, 8 data bits, and 1 stop
bit. The maximum data rate is 115.2 Kbps (half duplex). The IrDA SIR block contains an IrDA SIR
Protocol encoder/decoder. The IrDA SIR protocol is half-duplex only. So it cannot transmit and
receive data at the same time. The IrDA SIR physical layer specifies a minimum 10ms transfer
delay between transmission and reception. This delay feature must be implemented by software.
Another alternate function of UART controllers is RS-485 9 bit mode function, and direction


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn