Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M54-LN Datasheet(Fiches technique) 41 Page - Nuvoton Technology Corporation

Numéro de pièce M54-LN
Description  32-BIT MICROCONTROLLER
Télécharger  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

M54-LN Datasheet(HTML) 41 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
NuMicro
M058/M0516 Data Sheet
Publication Release Date: May 30, 2011
- 41 -
Revision V2.00
6.7 Serial Peripheral Interface (SPI) Controller
6.7.1
Overview
The Serial Peripheral Interface (SPI) is a synchronous serial data communication protocol which
operates in full duplex mode. Devices communicate in master/slave mode with 4-wire bi-direction
interface. NuMicro M051
series contains up to two sets of SPI controller performing a serial-to-
parallel conversion on data received from a peripheral device, and a parallel-to-serial conversion
on data transmitted to a peripheral device. Each set of SPI controller can be set as a master; it
also can be configured as a slave device controlled by an off-chip master device.
6.7.2
Features
Up to two sets of SPI controller
Support master or slave mode operation
Configurable bit length up to 32 bits of a transfer word and configurable word numbers up to 2
of a transaction, so the maximum bit length is 64 bits for each data transfer
Provide burst mode operation, transmit/receive can be transferred up to two times word
transaction in one transfer
Support MSB or LSB first transfer
Byte or word Suspend Mode
Variable output serial clock frequency in master mode
Support two programmable serial clock frequencies in master mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn