Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M54-LN Datasheet(Fiches technique) 35 Page - Nuvoton Technology Corporation

Numéro de pièce M54-LN
Description  32-BIT MICROCONTROLLER
Télécharger  71 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

M54-LN Datasheet(HTML) 35 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
NuMicro
M058/M0516 Data Sheet
6.4 General Purpose I/O
6.4.1
Overview
There are 40 General Purpose I/O pins shared with special feature functions in this MCU. The 40
pins are arranged in 5 ports named with P0, P1, P2, P3 and P4. Each port equips maximum 8
pins. Each one of the 40 pins is independent and has the corresponding register bits to control the
pin mode function and data
The I/O type of each of I/O pins can be software configured individually as input, output, open-
drain or quasi-bidirectional mode. After reset, the all pins of I/O type stay in quasi-bidirectional
mode and port data register Px_DOUT[7:0] resets to 0x000_00FF. Each I/O pin equips a very
weakly individual pull-up resistor which is about 110K
Ω~300KΩ for VDD is from 5.0V to 2.5V.
6.4.1.1 Input Mode Explanation
Set Px_PMD
(PMDn[1:0]) to 00b the Px[n] pin is in Input mode and the I/O pin is in tri-state(high
impedance) without output drive capability. The Px_PIN value reflects the status of the corresponding
port pins.
6.4.1.2 Output Mode Explanation
Set Px_PMD
(PMDn[1:0]) to 01b the Px[n] pin is in Output mode and the I/O pin supports digital
output function with source/sink current capability. The bit value in the corresponding bit [n] of
Px_DOUT is driven on the pin.
Port Pin
Input Data
Port Latch
Data
P
N
VDD
Figure 6-11 Push-Pull Output
Publication Release Date: May 30, 2011
- 35 -
Revision V2.00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn