Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M52-LN Fiches technique(PDF) 17 Page - Nuvoton Technology Corporation

No de pièce M52-LN
Description  32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

M52-LN Fiches technique(HTML) 17 Page - Nuvoton Technology Corporation

Back Button M52-LN Datasheet HTML 13Page - Nuvoton Technology Corporation M52-LN Datasheet HTML 14Page - Nuvoton Technology Corporation M52-LN Datasheet HTML 15Page - Nuvoton Technology Corporation M52-LN Datasheet HTML 16Page - Nuvoton Technology Corporation M52-LN Datasheet HTML 17Page - Nuvoton Technology Corporation M52-LN Datasheet HTML 18Page - Nuvoton Technology Corporation M52-LN Datasheet HTML 19Page - Nuvoton Technology Corporation M52-LN Datasheet HTML 20Page - Nuvoton Technology Corporation M52-LN Datasheet HTML 21Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
NuMicro
M058/M0516 Data Sheet
Publication Release Date: May 30, 2011
- 17 -
Revision V2.00
Pin number
Alternate Function
QFN33 LQFP48
Symbol
1
2
Type
[1]
Description
6
8
P3.2
0
INT
STADC
I/O
NC
9
P3.3
1
INT
MCLK
I/O
7
10
P3.4
T0
SDA
I/O
8
11
P3.5
T1
SCL
I/O
9
13
P3.6
WR
CKO
I/O
NC
14
P3.7
RD
I/O
1
INT
WR
, T0, T1,
, and
RD .
T0: Timer0 external input
T1: Timer1 external input
The RXD/TXD pins are for UART0 function used.
The SDA/SCL pins are for I
2C function used.
MCLK: EBI clock output pin.
CKO: HCLK clock output
The STADC pin is for ADC external trigger input.
NC
24
P4.0
PWM0
I/O
NC
36
P4.1
PWM1
I/O
NC
48
P4.2
PWM2
I/O
NC
12
P4.3
PWM3
I/O
NC
28
P4.4
/CS
I/O
NC
29
P4.5
ALE
I/O
19
30
P4.6
ICE_CLK
I/O
20
31
P4.7
ICE_DAT
I/O
PORT4:
Port 4 is an 8-bit four mode output pin and two
mode input. Its multifunction pins are for /CS, ALE,
ICE_CLK and ICE_DAT.
/CS for EBI (External Bus Interface) used.
ALE (Address Latch Enable) is used to enable the address
latch that separates the address from the data on Port 0
and Port 2.
The ICE_CLK/ICE_DAT pins are for JTAG-ICE function
used.
PWM0-3 can be used from P4.0-P4.3 when EBI is active.
Table 5-1 NuMicro
™ M051 Series Pin Description
[1]
I/O type description. I: input, O: output, I/O: quasi bi-direction, D: open-drain, P: power pins,
ST: Schmitt trigger.


Numéro de pièce similaire - M52-LN

FabricantNo de pièceFiches techniqueDescription
logo
Harwin Plc
M52-040000P0545 HARWIN-M52-040000P0545 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P1045 HARWIN-M52-040000P1045 Datasheet
97Kb / 1P
   1.27MM PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P1045 HARWIN-M52-040000P1045 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P2045 HARWIN-M52-040000P2045 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
M52-040000P2545 HARWIN-M52-040000P2545 Datasheet
59Kb / 1P
   1.27mm PITCH SIL SURFACE MOUNT PIN HEADER
More results

Description similaire - M52-LN

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com