Moteur de recherche de fiches techniques de composants électroniques |
|
M52LN Fiches technique(PDF) 24 Page - Nuvoton Technology Corporation |
|
M52LN Fiches technique(HTML) 24 Page - Nuvoton Technology Corporation |
24 / 71 page NuMicro ™ M052/M054BN Datasheet Publication Release Date: Mar. 19, 2012 - 24 - Revision V1.01 6.2.3 System Power Architecture In this device, the power architecture is divided into three segments. Analog power from AVDD and AVSS provides the power for analog module operation. Digital power from VDD and VSS supplies the power to the internal regulator which provides a fixed 1.8V power for digital operation and I/O pins. The outputs of internal voltage regulator, which is LDO, require an external capacitor which should be located close to the corresponding pin. The Figure 6-2 shows the power architecture of this device. 5V to 1.8V LDO PLL 12-bit SAR-ADC Brown Out Detector POR50 POR18 Low Voltage Reset Analog Comparator Temperature Seneor FLASH Digital Logic 1.8V Internal 22.1184 MHz & 10 kHz Oscillator AVDD AVSS LDO 1uF IO cell P0 - P4 M051 Series Power Distribution Figure 6-2 NuMicro M051 ™ Series Power Architecture Diagram |
Numéro de pièce similaire - M52LN |
|
Description similaire - M52LN |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |