Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

I5116PY Fiches technique(PDF) 28 Page - Nuvoton Technology Corporation

No de pièce I5116PY
Description  SINGLE-CHIP
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

I5116PY Fiches technique(HTML) 28 Page - Nuvoton Technology Corporation

Back Button I5116PY Datasheet HTML 24Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 25Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 26Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 27Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 28Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 29Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 30Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 31Page - Nuvoton Technology Corporation I5116PY Datasheet HTML 32Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
ISD5100 SERIES
Publication Release Date: Oct 31, 2008
- 28 -
Revision 1.42
6.4. ANALOG MODE
6.4.1
Aux In and Ana In Description
The AUX IN is an additional audio input to the ISD5100-Series, such as from the microphone circuit in
a mobile phone “car kit.” This input has a nominal 694 mV p-p level at its minimum gain setting (0 dB).
See the AUX IN Amplifier Gain Settings table on page 37. Additional gain is available in 3 dB steps
(controlled by the I
2C serial interface) up to 9 dB.
The ANA IN pin is the analog input from the telephone chip set. It can be switched (by the serial bus)
to the speaker output, the array input or to various other paths. This pin is designed to accept a
nominal 1.11 Vp-p when at its minimum gain (6 dB) setting. See the ANA IN Amplifier Gain Settings
table
on page 37. There is additional gain available in 3 dB steps controlled from the I
2C interface, if
required, up to 15 dB.
AUX IN
Input Amplifier
AUX IN
Input
CCOUP=0.1 µF
Ra
Rb
Internal to the device
NOTE: fCUTOFF=
2
πRaCCOUP
1
ANA IN
Input Amplifier
ANA IN
Input
CCOUP=0.1 µF
Ra
Rb
Internal to the device
NOTE: fCUTOFF=
2
πRaCCOUP
1


Numéro de pièce similaire - I5116PY

FabricantNo de pièceFiches techniqueDescription
logo
Winbond
I5116E WINBOND-I5116E Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
I5116EI WINBOND-I5116EI Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
I5116S WINBOND-I5116S Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
I5116SI WINBOND-I5116SI Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
I5116X WINBOND-I5116X Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
More results

Description similaire - I5116PY

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
BCM6348 BOARDCOM-BCM6348 Datasheet
132Kb / 1P
   SINGLE CHIP ADSL2 CPE CHIP
logo
STMicroelectronics
STLC2500 STMICROELECTRONICS-STLC2500 Datasheet
241Kb / 23P
   BLUETOOTH??SINGLE CHIP
May 2004 REV. 1
logo
Renesas Technology Corp
M16C-100PIN-GP RENESAS-M16C-100PIN-GP Datasheet
287Kb / 9P
   SINGLE-CHIP MICROCOMPUTER
M38049FFLSP RENESAS-M38049FFLSP_06 Datasheet
246Kb / 8P
   SINGLE-CHIP MICROCOMPUTER
R8C-20PIN RENESAS-R8C-20PIN Datasheet
292Kb / 10P
   SINGLE-CHIP MICROCOMPUTER
H8S-2128 RENESAS-H8S-2128 Datasheet
3Mb / 843P
   Single-Chip Microcomputer
H83397 RENESAS-H83397 Datasheet
2Mb / 747P
   Single-Chip Microcomputer
logo
Hitachi Semiconductor
HD6475348R HITACHI-HD6475348R Datasheet
1Mb / 487P
   Single-Chip Microcomputer
logo
M/A-COM Technology Solu...
29320-BRF-001-A MA-COM-29320-BRF-001-A_15 Datasheet
502Kb / 2P
   Single Chip Solution
logo
Roithner LaserTechnik G...
JET-735-05 ROITHNER-JET-735-05 Datasheet
515Kb / 2P
   single chip design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com