Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

78L05 Fiches technique(PDF) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

No de pièce 78L05
Description  Maximum Output current
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KOOCHIN [SHENZHEN KOO CHIN ELECTRONICS CO., LTD.]
Site Internet  http://www.hz-dz.net
Logo KOOCHIN - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

78L05 Fiches technique(HTML) 1 Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.

  78L05 Datasheet HTML 1Page - SHENZHEN KOO CHIN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2
C0
0.1µF
78L05
FEATURES
Maximum Output current
IOM:
0.1
A
Output voltage
Vo:
5
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unlts
Input Voltage
V l
30
V
Operating Junction Temperature Range
TOPR
0~+125
Storage Temperature Range
TSTG
-55~+150
ELECTRICAL CHARACTERISTICS (VI=10V,Io=40mA,0
℃<Tj<125℃,C1=0.33µF,Co=0.1µF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Tj=25
4.8
5.0
5.2
V
7V≤V l≤20V, Io=1mA~40mA
4.75
5.0
5.25
V
Output voltage
Vo
7V≤V l≤VMAX, Io=1mA~70mA
4.75
5.0
5.25
V
(note)
Tj=25
℃, Io=1mA~100mA
11
60
mV
Load Regulation
∆Vo
Tj=25
℃, Io=1mA~40mA
5.0
30
mV
7V≤V l≤20V, Tj=25
32
150
mV
Line regulation
∆Vo
8V≤V l≤20V, Tj=25
26
100
mV
Quiescent Current
Iq
25ºC
3.8
6
mA
∆Iq
8V≤V l≤20V
1.5
mA
Quiescent Current Change
∆Iq
1mA≤V l≤40mA
0.1
mA
Output Noise Voltage
VN
10Hz≤f≤100KHz
42
uV
Ripple Rejection
RR
8V≤V l≤18V,f=120Hz,Tj=25
41
49
dB
Dropout Voltage
Vd
Tj=25
1.7
V
TYPICAL APPLICATION
vi
3
1
Vo
UTC
C1
0.33µF
Note 1: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
Possible to the regulators.
1 2 3
TO-92
1. OUT
2. GND
3. IN
78L05


Numéro de pièce similaire - 78L05

FabricantNo de pièceFiches techniqueDescription
logo
NEC
78L05 NEC-78L05 Datasheet
387Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS?
logo
SEMTECH ELECTRONICS LTD...
78L05 SEMTECH_ELEC-78L05 Datasheet
294Kb / 2P
   3-Terminal positive voltage regulator
logo
TECH PUBLIC Electronics...
78L05 TECHPUBLIC-78L05 Datasheet
1Mb / 3P
   Three-Terminal Voltage Regulator
logo
National Semiconductor ...
78L05 NSC-78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
logo
Jiangsu High diode Semi...
78L05 HDSEMI-78L05 Datasheet
2Mb / 4P
   TO-92 Encapsulate Three-terminal Voltage Regulator
More results

Description similaire - 78L05

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Luguang Electr...
LGE78M05 LUGUANG-LGE78M05 Datasheet
451Kb / 5P
   Maximum Output current
logo
SHANGHAI BELLING CO., L...
BL78L05D BELLING-BL78L05D Datasheet
113Kb / 3P
   Maximum Output current - 0.1A
logo
Advanced Monolithic Sys...
AMS3120 ADMOS-AMS3120 Datasheet
409Kb / 9P
   2A maximum output current
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
   Maximum output current: 60 mA
logo
Broadcom Corporation.
ACPL-P345 BOARDCOM-ACPL-P345 Datasheet
1Mb / 17P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3180 IXYS-IX3180 Datasheet
254Kb / 11P
   2.5A Maximum Peak Output Current
logo
Gamma Microelectronics ...
GM6250H GAMMA-GM6250H Datasheet
523Kb / 9P
   Maximum output current up 300mA
logo
Lineage Power Corporati...
FLT007A0 LINEAGEPOWER-FLT007A0 Datasheet
530Kb / 12P
   75Vdc Input Voltage Maximum, 7A Output Current Maximum
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com