Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51020DBTRG4 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51020DBTRG4
Description  DUAL, VOLTAGE MODE, DDR SELECTABLE, SYNCHRONOUS, STEP-DOWN CONTROLLER FOR NOTEBOOK SYSTEM POWER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51020DBTRG4 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS51020DBTRG4 Datasheet HTML 1Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 2Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 3Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 4Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 5Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 6Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 7Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 8Page - Texas Instruments TPS51020DBTRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
TPS51020
SLUS564B − JULY 2003 − REVISED DECEMBER 2003
3
www.ti.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
INV1
COMP1
SSTRT1
SKIP
VO1_VDDQ
DDR
GND
REF_X
ENBL1
ENBL2
VO2
PGOOD
SSTRT2
COMP2
INV2
VBST1
OUT1_U
LL1
OUT1_D
OUTGND1
TRIP1
VIN
TRIP2
VREG5
REG5_IN
OUTGND2
OUT2_D
LL2
OUT2_U
VBST2
TSSOP (0.5 mm)
DBT PACKAGE
(TOP VIEW)
ELECTRICAL CHARACTERISTICS
TA = −40°C to 85°C, 4.5 V < VIN < 20 V, CVIN = 0.1 µF, CVREG5 = 2.2 µF, CREF_X = 0.01 µF, PGOOD = 0.2 V, ENBLx = DDR = VIN,
INVx = COMPx, RSSTRTx = OPEN, TRIP1 = TRIP2 = VIN, LLx = GND, VBSTx = LLx+5, C(OUTx_U, OUTx_D)=1 nF, REG5_IN = 0V, GND =
OUTGNDx = 0 V, VO1_VDDQ = VO2 = 0 V (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
IVIN
VIN supply current
REG5V_IN = OPEN,
TRIPx = VIN,
OSC = OFF
1.4
2.2
mA
IVIN(STBY)
VIN standby current
ENBLx = 0 V,
DDR = VIN,
REG5V_IN = OPEN,
OSC = OFF
350
550
IVIN(SHDN)
VIN shutdown current
ENBLx = DDR = 0 V,
REG5V_IN = OPEN
0.05
1.00
µA
IVIN(REG5)
VIN supply current, REG5_IN as 5-V input
current
REG5V_IN = 5 V,
OSC = OFF
200
500
IREG5
REG5_IN input supply current
REG5V_IN = 5 V,
OSC = OFF
1.0
1.7
mA
IVBSTx
VBST supply current
ENBLx = DDR = VIN
0.05
1.00
A
IVBSTx
VBST shutdown current
ENBLx = DDR = 0 V
0.05
1.00
µA
VREG5 INTERNAL REGULATOR
VVREG5
VREG5 voltage
IOUT = 0 A
4.8
5.0
5.2
V
VLD5
Load regulation
0 mA
≤ IOUT ≤ 50 mA,
VIN = 12 V
0.6%
2.5%
VLN5
Line regulation
IOUT = 20 mA,
7 V
≤VIN ≤ 28 V
0.4%
2.0%
VTHL
UVLO threshold voltage
High to low
3.45
3.65
3.85
V
VHYS(UV)
UVLO hysteresis
100
200
300
mV
VTH(SW)
Switchover voltage
REG_IN voltage
4.2
4.5
4.8
V
VHYS(SW)
Switchover hysteresis
50
250
mV


Numéro de pièce similaire - TPS51020DBTRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5102 TI-TPS5102 Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102DBT TI-TPS5102DBT Datasheet
987Kb / 31P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBT TI1-TPS5102IDBT Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBTG4 TI1-TPS5102IDBTG4 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
TPS5102IDBTR TI1-TPS5102IDBTR Datasheet
1Mb / 34P
[Old version datasheet]   DUAL, HIGH-EFFICIENCY CONTROLLER FOR NOTEBOOK PC POWER
More results

Description similaire - TPS51020DBTRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51120 TI-TPS51120 Datasheet
618Kb / 10P
[Old version datasheet]   DUAL CURRENT MODE, SYNCHRONOUS STEP-DOWN CONTROLLER WITH 100-mA STANDBY REGULATORS FOR NOTEBOOK SYSTEM POWER
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
logo
STMicroelectronics
PM6685 STMICROELECTRONICS-PM6685 Datasheet
889Kb / 16P
   DUAL STEP-DOWN CONTROLLER WITH AUXILARY VOLTAGES FOR NOTEBOOK SYSTEM POWER
logo
Texas Instruments
TPS51427A TI1-TPS51427A Datasheet
2Mb / 42P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI1-TPS51427_12 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427A TI-TPS51427A_15 Datasheet
2Mb / 43P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
TPS51427 TI-TPS51427 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CAP??SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
logo
ON Semiconductor
NCP5215 ONSEMI-NCP5215 Datasheet
2Mb / 21P
   Dual Synchronous Buck Controller for Notebook Power System
October, 2008 ??Rev. 5
logo
Texas Instruments
TPS51120 TI-TPS51120_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS51120 Dual, Synchronous Step-Down Controller With 100-mA Standby Regulators for Notebook System Power
logo
Exar Corporation
XRP6142 EXAR-XRP6142 Datasheet
732Kb / 17P
   Synchronous Step-Down Controller with DDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com