Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSM7731-01 Fiches technique(PDF) 5 Page - OKI electronic componets

No de pièce MSM7731-01
Description  Multifunction PCM CODEC (Voice Signal Processor)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7731-01 Fiches technique(HTML) 5 Page - OKI electronic componets

  MSM7731-01 Datasheet HTML 1Page - OKI electronic componets MSM7731-01 Datasheet HTML 2Page - OKI electronic componets MSM7731-01 Datasheet HTML 3Page - OKI electronic componets MSM7731-01 Datasheet HTML 4Page - OKI electronic componets MSM7731-01 Datasheet HTML 5Page - OKI electronic componets MSM7731-01 Datasheet HTML 6Page - OKI electronic componets MSM7731-01 Datasheet HTML 7Page - OKI electronic componets MSM7731-01 Datasheet HTML 8Page - OKI electronic componets MSM7731-01 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5/43
¡ Semiconductor
MSM7731-01
PIN FUNCTIONAL DESCRIPTION
AIN, AGSX
These are the acoustic analog input and level adjusting pins. The AIN pin is connected to the
inverting input of the internal amp and the AGSX pin is connected to the amp output. For level
adjustment, refer to the diagram below (Figure 1). At power-down reset, the AGSX pin goes to
a high impedance state.
AVFRO, AOUT, APWI
These are the acoustic analog output and level adjusting pins. The AVFRO pin is an audio
output and can directly drive 20 kW. The AOUT pin is an analog output and can directly drive
a load of 1.2 kW. For level adjustment, refer to the diagram below (Figure 1). At power-down
reset, these output pins go to a high impedance state.
LIN, LGSX
These are the line analog input and level adjusting pins. The LIN pin is connected to the
inverting input of the internal amp and the LGSX pin is connected to the amp output. For level
adjustment, refer to the diagram below (Figure 1). At power-down reset, the LGSX pin goes to
a high impedance state. If LIN is not used, short the LIN and LGSX pins together.
LVFRO, LOUT, LPWI
These are the line analog output and level adjusting pins. The LVFRO pin is an audio output
and can directly drive 20 kW. The LOUT pin is an analog output and can directly drive a load
of 1.2 kW. For level adjustment, refer to the diagram below (Figure 1). At power-down reset,
these output pins go to a high impedance state. If LOUT is not used, short the LPWI and LOUT
pins together.
LINEEN
This is the power-down control pin for the line CODEC. A logic "0" continues normal operation
and a logic "1" powers down only the line CODEC. If the line CODEC is not used, power down
the line CODEC and short the LIN pin to the LGSX pin and the LPWI pin to the LOUT pin. This
procedure results in the low consumption of electrical power. At power-down, the output pins
go to a high impedance state. Since this pin is ORed with CR0-B5 of the control register, set the
pin to a logic "0" when controlling power-down by the control register. If the pin setting is
changed, reset must be activated by either the PDN/RST pin or the PDN/RST bit (CR0-B7).
Figure 1 Analog Interface
Acoustic CODEC
+
SG
AIN
AGSX
R2
R1
C1
VI
R2≥20kW
VAGSX/VI=R2/R1
£
30
+
10mF
0.1mF
R3
R4
+
APWI
AOUT
C2
VO
Speaker
Speaker amp
VO/VAVFRO=R3/R4
R3≥20kW
Line CODEC
LGSX
LIN
LVFRO
LPWI
LOUT
LINEEN
Same as the acoustic
analog interface
Line side (portable phone)
Reception signal
Transmission signal
Acoustic side (microphone, speaker)
Microphone
VREF
to ENCODER
from DECODER
AVFRO


Numéro de pièce similaire - MSM7731-01

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
More results

Description similaire - MSM7731-01

FabricantNo de pièceFiches techniqueDescription
logo
Realtek Semiconductor C...
ALC5620 REALTEK-ALC5620 Datasheet
1Mb / 84P
   I2S AUDIO CODEC VOICE PCM INTERFACE
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
   FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com