Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSM7731-01 Fiches technique(PDF) 33 Page - OKI electronic componets

No de pièce MSM7731-01
Description  Multifunction PCM CODEC (Voice Signal Processor)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7731-01 Fiches technique(HTML) 33 Page - OKI electronic componets

Back Button MSM7731-01 Datasheet HTML 29Page - OKI electronic componets MSM7731-01 Datasheet HTML 30Page - OKI electronic componets MSM7731-01 Datasheet HTML 31Page - OKI electronic componets MSM7731-01 Datasheet HTML 32Page - OKI electronic componets MSM7731-01 Datasheet HTML 33Page - OKI electronic componets MSM7731-01 Datasheet HTML 34Page - OKI electronic componets MSM7731-01 Datasheet HTML 35Page - OKI electronic componets MSM7731-01 Datasheet HTML 36Page - OKI electronic componets MSM7731-01 Datasheet HTML 37Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
33/43
¡ Semiconductor
MSM7731-01
(5) CR4 (Line echo canceler settings)
B7 .......... "Through mode" control 1: "through mode", 0: normal mode (echo cnaceler operation)
This is the "through mode" control bit for the line echo canceler. In the "through
mode", RinL and SinL data is output directly to RoutL and SoutL respectively.
Coefficients are not reset.
This bit is internally ORed with the LTHR pin.
B6, B5 ... Reserved bits
Modification of initial values is inhibited
B4 .......... Howling detector control
1: OFF,
0: ON
This bit controls the function to detect and cancel the howling that occurs in an
acoustic system such as a handsfree communication system.
This bit is internally ORed with the LHD pin.
B3 .......... Center clip control
1: ON,
0: OFF
When the SoutL output of the line echo canceler is –57 dBm0 or less, the center
clip function forcibly sets it to the minimum positive value.
B2 .......... Coefficient update control
1: fixed coefficients,
0: updated coefficients
This bit selects whether the adaptive FIR filter (AFR) coefficients for the line
echo canceler will be updated.
This bit is internally ORed with the LHLD pin.
B1 .......... Attenuator control
1: ATT OFF,
0: ATT ON
This bit turns ON or OFF the ATT function to prevent howling by means of
attenuators (ATTsL, ATTrL) provided in the RinL input and SoutL output of
the line echo canceler.
If input is only to RinL, the ATT for SoutL (ATTsL) is activated. If input is only
to SinL, or if there is input to both SinL and RinL, the ATT for RinL input
(ATTrL) is activated. The ATT value of each attenuator is approximately 6 dB.
This bit is internally ORed with the LATT pin.
B0 .......... Gain controller
1: GC OFF,
0: GC ON
This bit turns ON or OFF the gain control function to control the RinL input
level and prevent howling by means of a gain controller (GainL) provided in the
RinL input of the line echo canceler.
The gain controller adjusts the RIN input level when it is –10 dBm0 or above,
and it has the control range of 0 to –8.5 dB.
This bit is internally ORed with the LGC pin.
B7
LTHR
0
B6
0
B5
0
B4
LHD
0
B3
LCLP
0
B2
LHLD
0
B1
LATT
0
B0
LGC
0
CR4
Initial value


Numéro de pièce similaire - MSM7731-01

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MSM7731-02 OKI-MSM7731-02 Datasheet
391Kb / 53P
   Dual Echo Canceler & Noise Canceler with Dual Codec for Hands-Free
More results

Description similaire - MSM7731-01

FabricantNo de pièceFiches techniqueDescription
logo
Realtek Semiconductor C...
ALC5620 REALTEK-ALC5620 Datasheet
1Mb / 84P
   I2S AUDIO CODEC VOICE PCM INTERFACE
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
logo
Realtek Semiconductor C...
ALC3261 REALTEK-ALC3261 Datasheet
1Mb / 130P
   FOUR CHANNEL I2S/PCM AUDIO CODEC WITH VOICE DSP
Rev. 0.91
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
[Old version datasheet]   PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
[Old version datasheet]   PCM CODEC
logo
Macronix International
MX93002 MCNIX-MX93002 Datasheet
373Kb / 35P
   PCM CODEC
logo
Texas Instruments
TLV320AIC1106 TI-TLV320AIC1106 Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
TLV320AIC1106 TI-TLV320AIC1106_15 Datasheet
537Kb / 19P
[Old version datasheet]   PCM CODEC
TLV320AIC1103PBSR TI1-TLV320AIC1103PBSR Datasheet
917Kb / 33P
[Old version datasheet]   PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com