Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9958BCPZ-REEL7 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD9958BCPZ-REEL7
Description  2-Channel 500 MSPS DDS with 10-Bit DACs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9958BCPZ-REEL7 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD9958BCPZ-REEL7 Datasheet HTML 3Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 4Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 5Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 6Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 7Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 8Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 9Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 10Page - Analog Devices AD9958BCPZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
AD9958
Rev. 0 | Page 7 of 40
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
IAVDD
Both Channels On, Sweep Accumulator,
REF_CLK Multiplier and 10-Bit Output Scalar Enabled
95
110
mA
IDVDD
Both Channels On, Single Tone Mode
60
70
mA
IDVDD
Both Channels On, Sweep Accumulator,
REF_CLK Multiplier and 10-Bit Output Scalar Enabled
70
80
mA
IDVDD_I/O
22
mA
IDVDD = read
IDVDD_I/O
30
mA
IDVDD = write
IAVDD Power-Down Mode
2.5
mA
IDVDD Power-Down Mode
2.5
mA
DATA LATENCY (PIPELINE DELAY) SINGLE TONE MODE2, 3
Frequency, Phase, and Amplitude Words to DAC Output
w/Matched Latency Enabled
29
Sys Clk
Frequency Word to DAC Output w/Matched Latency
Disabled
29
Sys Clk
Phase Offset Word to DAC Output w/Matched Latency
Disabled
25
Sys Clk
Amplitude Word to DAC Output w/Matched Latency
Disabled
17
Sys Clk
DATA LATENCY (PIPELINE DELAY) MODULATION MODE3, 4
Frequency Word to DAC Output
34
Sys Clk
Phase Offset Word to DAC Output
29
Sys Clk
Amplitude Word to DAC Output
21
Sys Clk
DATA LATENCY (PIPELINE DELAY) LINEAR SWEEP MODE3, 4
Frequency Rising/Falling Delta Tuning Word to DAC
Output
41
Sys Clk
Phase Offset Rising/Falling Delta Tuning Word to DAC
Output
37
Sys Clk
Amplitude Rising/Falling Delta Tuning Word to DAC
Output
29
Sys Clk
1 For the VCO frequency range of 160 MHz to 255 MHz there is no guarantee of operation.
2 Data latency is reference to the I/O_UPDATE>
3 Data latency is fixed.
4 Data latency is referenced to a profile change.


Numéro de pièce similaire - AD9958BCPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9958BCPZ-REEL7 AD-AD9958BCPZ-REEL7 Datasheet
659Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9958BCPZ-REEL7 AD-AD9958BCPZ-REEL7 Datasheet
810Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
More results

Description similaire - AD9958BCPZ-REEL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
AD9958 AD-AD9958_08 Datasheet
659Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9959BCPZ AD-AD9959BCPZ Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_08 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959 AD-AD9959 Datasheet
246Kb / 9P
   4 Channel 500MSPS DDS with 10-bit DACs
Rev. PrB
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com