Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4001BF3A Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD4001BF3A
Description  CMOS NOR Gates
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD4001BF3A Fiches technique(HTML) 11 Page - Texas Instruments

Back Button CD4001BF3A Datasheet HTML 4Page - Texas Instruments CD4001BF3A Datasheet HTML 5Page - Texas Instruments CD4001BF3A Datasheet HTML 6Page - Texas Instruments CD4001BF3A Datasheet HTML 7Page - Texas Instruments CD4001BF3A Datasheet HTML 8Page - Texas Instruments CD4001BF3A Datasheet HTML 9Page - Texas Instruments CD4001BF3A Datasheet HTML 10Page - Texas Instruments CD4001BF3A Datasheet HTML 11Page - Texas Instruments CD4001BF3A Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Numéro de pièce similaire - CD4001BF3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4001BF3A TI-CD4001BF3A Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BF3A TI1-CD4001BF3A Datasheet
1Mb / 18P
[Old version datasheet]   CMOS NOR Gates
CD4001BF3AS2534 TI-CD4001BF3AS2534 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BF3AS2534 TI1-CD4001BF3AS2534 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS NOR Gates
More results

Description similaire - CD4001BF3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4001B TI-CD4001B Datasheet
206Kb / 5P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI-CD4001B_12 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001BME4 TI-CD4001BME4 Datasheet
952Kb / 19P
[Old version datasheet]   CMOS NOR Gates
CD4001B TI1-CD4001B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS NOR Gates
logo
Unisonic Technologies
UCD4002B UTC-UCD4002B_15 Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
UCD4002B UTC-UCD4002B Datasheet
164Kb / 5P
   CMOS NOR Gates High-Voltage Types
logo
Microsemi Corporation
TSC306 MICROSEMI-TSC306 Datasheet
672Kb / 2P
   NOR Gates
logo
List of Unclassifed Man...
SP314 ETC-SP314 Datasheet
157Kb / 3P
   NOR GATES
logo
Renesas Technology Corp
CD4070BMS RENESAS-CD4070BMS Datasheet
336Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
logo
Intersil Corporation
CD4070BMS INTERSIL-CD4070BMS Datasheet
72Kb / 8P
   CMOS Quad Exclusive OR and Exclusive NOR Gates
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com