Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NJM2712 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce NJM2712
Description  ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

NJM2712 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  NJM2712 Datasheet HTML 1Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 7Page - List of Unclassifed Manufacturers NJM2712 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NJM2712
- 2 -
s
s
s
s ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+
10
V
Differential Input Voltage
VID
±2
V
Power Dissipation
PD
200
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-50 to +150
°C
s
s
s
sRECOMMENDED OPERATING CONDITION
( Ta=25
°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Operating Voltage Range
V+/V -
2.0
2.5
4.5
V
s
s
s
s DC CHARACTERISTICS
( V+/V -=
±2.5V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Operating Current
ICC
No Signal
-
3.8
6.8
mA
Input Offset Voltage
VIO
-
2.0
7.0
mV
Input Bias Current
IB
-
2
7
µA
Input Offset Current
IIO
-
350
900
nA
Open Loop Voltage Gain
Av
RL=2k
65
75
-
dB
Input Common Mode
Voltage Range
VICM
±1.3
±1.5
-
V
Common Mode Rejection
CMR
-1V
≤VCM≤+1V
50
60
-
dB
+SVR
2.5V
≤V +≤5V, RL=2kΩ
50
60
-
dB
Supply Voltage Rejection
-SVR
-5V
≤V -≤-2.5V, RL=2kΩ
50
60
-
dB
Maximum Output Voltage
VOM
RL=1k
±1.2
±1.5
-
V
s
s
s
s AC CHARACTERISTICS
( V+/V -=
±2.5V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Bandwidth
BW
Av=40dB,Rf=1.98k
Ω ,RL=∞
CL=10pF
-
10
-
MHz
Unity Gain Bandwidth
fT
Av=40dB,Rg=20
Ω,Rf=1.98kΩ
RL=
∞,CL=10pF
-
180
-
MHz
Phase Margin
φM
Av=40dB,Rg=20
Ω,Rf=1.98kΩ
RL=
∞,CL=10pF
-
38
-
deg
Equivalent Input Noise
Voltage
VNI
-
6.8
-
nV/
√Hz
s
s
s
s TRANSIENT CHARACTERISTICS
( V+/V -=
±2.5V, Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
+SR
-
260
-
V/
µs
Slew Rate
-SR
Av=6dB,Rf=1k
Ω,Rg=1kΩ
RL=
∞,CL=10pF
-
260
-
V/
µs


Numéro de pièce similaire - NJM2712

FabricantNo de pièceFiches techniqueDescription
logo
New Japan Radio
NJM2712 NJRC-NJM2712 Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2712M NJRC-NJM2712M Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2712RB1 NJRC-NJM2712RB1 Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
More results

Description similaire - NJM2712

FabricantNo de pièceFiches techniqueDescription
logo
New Japan Radio
NJM2710 NJRC-NJM2710 Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2726 NJRC-NJM2726 Datasheet
92Kb / 3P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2711 NJRC-NJM2711 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2712 NJRC-NJM2712 Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1191 LINER-LT1191 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1190 LINER-LT1190 Datasheet
778Kb / 11P
   Ultra High Speed Operational Amplifier
LT1192 LINER-LT1192 Datasheet
959Kb / 12P
   Ultra High Speed Operational Amplifier???
logo
New Japan Radio
NJM2720 NJRC-NJM2720 Datasheet
196Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com