Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTQ2502A Fiches technique(PDF) 12 Page - Richtek Technology Corporation

No de pièce RTQ2502A
Description  2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2502A Fiches technique(HTML) 12 Page - Richtek Technology Corporation

Back Button RTQ2502A Datasheet HTML 8Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 9Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 10Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 11Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 12Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 13Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 14Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 15Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
RTQ2502A
12
DSQ2502A-00 April 2018
www.richtek.com
©
Copyright 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Dropout Voltage vs. Output Current
0
20
40
60
80
100
120
0
500
1000
1500
2000
Output Current (mA)
Dropout Voltage vs. Input Voltage
0
20
40
60
80
100
120
123456
Input Voltage (V)
Enable Voltage vs. Temperature
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-50
-25
0
25
50
75
100
125
Temperature (°C)
Logic-High
Logic-Low
VIN = 1.8V, VOUT = 0.8V, IOUT = 10mA
Input UVLO vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50-25
0
25
50
75100
125
Temperature (°C)
Logic-High
Logic-Low
VOUT = 0.8V, IOUT = 10mA
125
°C
85
°C
25
°C
−40°C
IOUT = 2A
125
°C
85
°C
25
°C
−40°C
VIN = 1.5V


Numéro de pièce similaire - RTQ2502A

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
More results

Description similaire - RTQ2502A

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
   1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
   1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2539A RICHTEK-RTQ2539A Datasheet
683Kb / 22P
   3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator
September 2022
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com