Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RTQ2502A Fiches technique(PDF) 7 Page - Richtek Technology Corporation

No de pièce RTQ2502A
Description  2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2502A Fiches technique(HTML) 7 Page - Richtek Technology Corporation

Back Button RTQ2502A Datasheet HTML 3Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 4Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 5Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 6Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 7Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 8Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 9Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 10Page - Richtek Technology Corporation RTQ2502A Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
RTQ2502A
7
DSQ2502A-00 April 2018
www.richtek.com
©
Copyright 2018 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Output Current Limit
ILIM
VOUT = 90% VOUT(TARGET),
VIN = VOUT(TARGET) + 400mV
2.1
3.4
4.2
A
Ground Pin Current
IGND
Minimum load, VIN = 6.5V,
IOUT = 5mA
--
2.8
4
mA
Maximum load, VIN = 1.4V,
IOUT = 2A
--
3.7
5
Shutdown, PGOOD = open,
VIN = 6.5V, VEN = 0.5V
--
--
25
A
EN Pin Current
IEN
VIN = 6.5V, VEN = 0V and 6.5V
0.1
--
0.1
A
EN Pin High-Level
Input Voltage
VEN_H
Enable device
1.1
--
6.5
V
EN Pin Low-Level
Input Voltage
VEN_L
Disable device
0
--
0.5
PGOOD Pin
Threshold
VIT_PGOOD
For the direction PGOOD signal
falling with decreasing VOUT
0.82 x
VOUT
0.883 x
VOUT
0.93 x
VOUT
V
PGOOD Pin
Hysteresis
VPGOOD_HYS
For PGOOD signal rising
--
0.01 x
VOUT
--
V
PGOOD Pin Low-
Level Output Voltage
VPGOOD_L
VOUT < VIT_PGOOD,
IPGOOD = 1mA (current into device)
--
--
0.4
V
PGOOD Pin Leakage
Current
IPGOOD_LK
VOUT > VIT_PGOOD ,
VPGOOD = 6.5V
--
--
1
A
NR/SS Pin Charging
Current
INR/SS
VNR/SS = GND, VIN = 6.5V
4
6.2
9
A
FB Pin Leakage
Current
IFB
VIN = 6.5V
100
--
100
nA
Power Supply
Rejection Ratio
PSRR
VIN  VOUT = 0.4V,
IOUT = 2A,
CNR/SS = 100nF,
CFF = 10nF,
COUT = 22F || 22F
f = 10kHz,
VOUT = 0.8V
--
42
--
dB
f = 500kHz,
VOUT = 0.8V
--
39
--
f = 10kHz,
VOUT = 5V
--
40
--
f = 500kHz,
VOUT = 5V
--
25
--
Output Noise Voltage
eNO
BW = 10Hz to 100kHz ,
VIN = 1.4V, VOUT = 0.8V,
IOUT = 1.5A, CNR/SS = 10nF,
CFF = 10nF
--
6
--
VRMS
Thermal Shutdown
Threshold
TSD
Temperature increasing
--
160
--
°C
Temperature decreasing
--
140
--


Numéro de pièce similaire - RTQ2502A

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
More results

Description similaire - RTQ2502A

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RTQ2532W RICHTEK-RTQ2532W Datasheet
447Kb / 20P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
   1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
   1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2539A RICHTEK-RTQ2539A Datasheet
683Kb / 22P
   3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator
September 2022
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com