Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA41W12SAT Fiches technique(PDF) 9 Page - Rohm

No de pièce BA41W12SAT
Description  Dual output voltage regulator with power saving
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA41W12SAT Fiches technique(HTML) 9 Page - Rohm

  BA41W12SAT Datasheet HTML 1Page - Rohm BA41W12SAT Datasheet HTML 2Page - Rohm BA41W12SAT Datasheet HTML 3Page - Rohm BA41W12SAT Datasheet HTML 4Page - Rohm BA41W12SAT Datasheet HTML 5Page - Rohm BA41W12SAT Datasheet HTML 6Page - Rohm BA41W12SAT Datasheet HTML 7Page - Rohm BA41W12SAT Datasheet HTML 8Page - Rohm BA41W12SAT Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
BA41W12SAT
Regulator ICs
Electrical characteristic curves
0
1
2
5
4
3
7
6
8
9
10
11
12
OUTPUT CURRENT : IO
(mA)
0
500
1000
1500
2000
VCC=13V
Ta=25˚C
VO2
VO1
Fig.10 Output current capacity
characteristics (Typ.)
0
6
12
24
18
36
30
42
54
48
0
2
1
5
9
8
7
6
4
3
POWER SUPPLY VOLTAGE : VCC
(V)
Ta=25˚C
Over voltage
protection circuit,
ON Vcc=28V (Typ.)
IO=0mA
VO1
VO2
Fig.11 Output voltage
characteristics (Typ.)
0
25
50
100
75
125
150
0
8
4
20
28
24
16
12
AMBIENT TEMPERATURE : Ta (˚C)
Fig.12 Thermal derating characteristics
Note : When using AI
heat sink, a tightening
torque of 6 (kg cm) and
silicon grease is applied
(1)
(2)
(3)
(4)
(1) With infinte heat sink
(2) With Al heat sink
100
×100×2 (mm2)
(3) With Al heat sink
50
×50×2 (mm2)
(4) Without heat sink
External dimentions (Units : mm)
TO220FP-5
TO220FP-5 (V5)
7.0
10.0
2.8
4.5
1.778
0.5 + 0.1
1.2
0.8
3.2 ± 0.1
φ
+ 0.3
− 0.1
− 0.1
+ 0.2
+ 0.3
− 0.1
+ 0.3
− 0.1
2345
1
2.85
7.0
10.0
1.778
123 4 5
1.2
0.8
3.2 ± 0.1
φ
+ 0.3
− 0.1
+ 0.3
− 0.1
2.8
4.5
0.5 ± 0.1
− 0.1
+ 0.2
+ 0.3
− 0.1
(2.85)
4.25
8.15


Numéro de pièce similaire - BA41W12SAT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA41W12ST ROHM-BA41W12ST Datasheet
120Kb / 9P
   Dual output voltage regulator with power saving
More results

Description similaire - BA41W12SAT

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA41W12ST ROHM-BA41W12ST Datasheet
120Kb / 9P
   Dual output voltage regulator with power saving
BA44W12SAT ROHM-BA44W12SAT Datasheet
109Kb / 9P
   Dual output voltage regulator with power saving
BA51W12ST ROHM-BA51W12ST Datasheet
126Kb / 10P
   Dual output voltage regulator with power saving
BA61W12ST ROHM-BA61W12ST Datasheet
121Kb / 9P
   Dual output voltage regulator with power saving
BA51W12SAT ROHM-BA51W12SAT Datasheet
110Kb / 9P
   Dual output voltage regulator with power saving
logo
Interpion semiconductor
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1525 INTERPION-IP1525 Datasheet
219Kb / 11P
   DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com