Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CB2016T2R2M Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce CB2016T2R2M
Description  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CB2016T2R2M Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button CB2016T2R2M Datasheet HTML 2Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 3Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 4Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 5Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 6Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 7Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 8Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 9Page - List of Unclassifed Manufacturers CB2016T2R2M Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
191
5
CB2518
1000
100
10
1
100
1000
10000
10
1
100000
2R2M
100M
470M
インピーダンス周波数 Impedance-vs-Frequency characteristics (Measured by HP4291A)
CBL2012
1000
100
10
1
100
1000
10000
10
1
100000
4R7M
100M
470M
CBC2012
1000
100
10
1
100
1000
10000
10
1
100000
2R2M
100M
470M
CB2016
1000
100
10
1
2R2M
100M
470M
100
1000
10000
10
1
100000
CB2012
1000
100
10
1
2R2M
100M
470M
100
1000
10000
10
1
100000
特性図 ELECTRICAL CHARACTERISTICS
CBC2016
10000
100
1000
10
1
100
1000
10000
10
1
100000
2R2M
4R7M
100M
CBC2518
1000
100
10
1
100
1000
10000
10
1
100000
1R0M
100M
470M
CBC3225
1000
100
10
1
100
1000
10000
10
1
100000
100M


Numéro de pièce similaire - CB2016T2R2M

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
CB2016T2R2M TAIYO-YUDEN-CB2016T2R2M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Linear Technology
CB2016T2R2M LINER-CB2016T2R2M Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
logo
Linear Integrated Syste...
CB2016T2R2M LINEAR-CB2016T2R2M Datasheet
278Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulaor
logo
Taiyo Yuden (U.S.A.), I...
CB2016T2R2M TAIYO-YUDEN-CB2016T2R2M Datasheet
289Kb / 3P
   Wire-wound Chip Power Inductors (CB series)[CB]
CB2016T2R2M TAIYO-YUDEN-CB2016T2R2M Datasheet
361Kb / 3P
   Wire-wound Ferrite Power Inductors LSQN/LSQPA series for General Electronic Equipment
2021/8/3
More results

Description similaire - CB2016T2R2M

FabricantNo de pièceFiches techniqueDescription
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com