Moteur de recherche de fiches techniques de composants électroniques |
|
2SC4346-Z Fiches technique(PDF) 3 Page - NEC |
|
2SC4346-Z Fiches technique(HTML) 3 Page - NEC |
3 / 5 page Data Sheet D17082EJ2V0DS 3 2SC4346,4346-Z TYPICAL CHARACTERISTICS (TA = 25°C) TOTAL POWER DISSIPATION vs. AMBIENT TEMPERATURE FORWARD BIAS SAFE OPERATING AREA With infinite heatsink (TC = 25˚C) Mounted on print board (Note) 2SC4346-Z Mounted on ceramic subsutrate of 7.5 mm 2 x 0.7 mm (Note) 0 0 2 4 6 8 10 12 50 100 150 200 TA - Ambient Temperature - °C 0.01 1 10 100 1000 0.1 1.0 10 PW = 1 µs IC(DC) IC(pulse) Power Dissipation Limited s/b Limited TC = 25 ˚C 10 µs 100 µs 1 ms 10 ms VCE - Collector to Emitter Voltage - V COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE DC CURRENT GAIN vs. COLLECTOR CURRENT 0 1 234 5 0 0.4 0.8 1.2 1.6 2.0 IB = 100 mA 90 mA 80 mA 70 mA 60 mA 50 mA 40 mA 30 mA 20 mA 10 mA VCE - Collector to Emitter Voltage - V 0.01 0.001 VCE = 5 V Pulsed 0.1 1 10 100 IC - Collector Current - A COLLECTOR AND BASE SATURATION VOLTAGE vs. COLLCTOR CURRENT TURN-ON, STORAGE TIME AND FALL TIME vs. COLLECTOR CURRENT 0.01 0.001 0.1 1.0 10 1 10 IC = 5 x IB Pulsed VBE(sat) VCE(sat) IC - Collector Current - A 0.1 1 10 10 0.1 1 VCC = 200 V IC : IB1 : IB2 = 10 : 1 : −2 Pulsed tstg tf ton IC - Collector Current - A |
Numéro de pièce similaire - 2SC4346-Z |
|
Description similaire - 2SC4346-Z |