Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60240DGKR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60240DGKR
Description  170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60240DGKR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPS60240DGKR Datasheet HTML 2Page - Texas Instruments TPS60240DGKR Datasheet HTML 3Page - Texas Instruments TPS60240DGKR Datasheet HTML 4Page - Texas Instruments TPS60240DGKR Datasheet HTML 5Page - Texas Instruments TPS60240DGKR Datasheet HTML 6Page - Texas Instruments TPS60240DGKR Datasheet HTML 7Page - Texas Instruments TPS60240DGKR Datasheet HTML 8Page - Texas Instruments TPS60240DGKR Datasheet HTML 9Page - Texas Instruments TPS60240DGKR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TPS60240, TPS60241
TPS60242, TPS60243
SLVS372B – JUNE 2001 – REVISED JANUARY 2002
10
www.ti.com
TYPICAL CHARACTERISTICS
Figure 13
3.10
3.15
3.20
3.25
3.30
3.35
3.40
0
5
10
15
20
25
30
TPS60240
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
VI = 1.8 V
VI = 2 V
VI = 2.5 V
Figure 14
4.9
4.92
4.94
4.96
4.98
5
5.02
0
5
10
15
20
25
30
TA = 25°C
VI = 2.7 V
VI = 3.3 V
TPS60241
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
Figure 15
2.50
2.55
2.60
2.65
2.70
2.75
2.80
0
5
10
15
20
25
30
TPS60242
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
VI = 1.8 V
VI = 2 V
VI = 2.5 V
Figure 16
2.80
2.85
2.90
2.95
3
3.05
3.10
05
10
15
20
25
30
TPS60243
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
IO – Output Current – mA
VI = 1.8 V
VI = 2 V
VI = 2.5 V


Numéro de pièce similaire - TPS60240DGKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60240DGKR TI1-TPS60240DGKR Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
More results

Description similaire - TPS60240DGKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60240 TI1-TPS60240_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI-TPS60240_15 Datasheet
963Kb / 22P
[Old version datasheet]   TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com