Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS60242 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS60242
Description  170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS60242 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS60242 Datasheet HTML 2Page - Texas Instruments TPS60242 Datasheet HTML 3Page - Texas Instruments TPS60242 Datasheet HTML 4Page - Texas Instruments TPS60242 Datasheet HTML 5Page - Texas Instruments TPS60242 Datasheet HTML 6Page - Texas Instruments TPS60242 Datasheet HTML 7Page - Texas Instruments TPS60242 Datasheet HTML 8Page - Texas Instruments TPS60242 Datasheet HTML 9Page - Texas Instruments TPS60242 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TPS60240, TPS60241
TPS60242, TPS60243
SLVS372B – JUNE 2001 – REVISED JANUARY 2002
6
www.ti.com
electrical characteristics for TPS6024X at TA = 25°C, CI = CO =1 µF, C1 = C2 = 1 µF (unless otherwise
noted), limits apply over the specified temperature range, –40
°C to 85°C (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I
Quiescent
IO = 0 mA, VI = 3 V
250
325
A
IQ
Quiescent
current
In shutdown mode
0.1
1
µA
Thermal
Temperature activated
160
_C
Thermal
shutdown
Temperature deactivated
140
_C
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
Efficiency
vs Input voltage
1–4
Efficiency
vs Output current
5–8
vs Input voltage
9–12
VO
Output voltage
vs Output current
13–16
VO
Out ut voltage
vs Free-air temperature
17
Quiescent current
vs Input voltage
18
Quiescent current
vs Free-air temperature
19
IL(sd)
Shutdown current
vs Free-air temperature
20
Vn
Output noise voltage
vs Output current
21
Maximum output current
vs Input voltage
22–25
Load transient response
26
Start-up timing
27
Line transient response
28
Noise voltage spectrum
29
Output voltage ripple
vs Time
30


Numéro de pièce similaire - TPS60242

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60242 TI-TPS60242 Datasheet
963Kb / 22P
[Old version datasheet]   TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60242 TI1-TPS60242 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60242DGK TI1-TPS60242DGK Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60242DGKT TI1-TPS60242DGKT Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
More results

Description similaire - TPS60242

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS60240 TI1-TPS60240_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI-TPS60240_15 Datasheet
963Kb / 22P
[Old version datasheet]   TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com