Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NJM2711 Fiches technique(PDF) 6 Page - New Japan Radio

No de pièce NJM2711
Description  ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NJRC [New Japan Radio]
Site Internet  http://www.njr.co.jp/index_e.htm
Logo NJRC - New Japan Radio

NJM2711 Fiches technique(HTML) 6 Page - New Japan Radio

  NJM2711 Datasheet HTML 1Page - New Japan Radio NJM2711 Datasheet HTML 2Page - New Japan Radio NJM2711 Datasheet HTML 3Page - New Japan Radio NJM2711 Datasheet HTML 4Page - New Japan Radio NJM2711 Datasheet HTML 5Page - New Japan Radio NJM2711 Datasheet HTML 6Page - New Japan Radio NJM2711 Datasheet HTML 7Page - New Japan Radio NJM2711 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NJM2711
- 6 -
Pulse Responce
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
0.00.0
0.10.1
0.10.1
0.10.2
0.2
Time [10ns/div]
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
V
+/V-=±2.5V,f=5MHz,V
O=2VPP,GV=6dB,RT=50Ω,
RF=1kΩ,CF=5pF,RG=1kΩ,RL=2kΩ,CL=10pF,Ta=+25℃
Pulse Response (with capacitive load)
-2.0
-1.0
0.0
1.0
2.0
0.0
0.1
0.1
0.1
0.1
0.1
0.2
0.2
0.2
Time [10ns/div]
V+/V-=±2.5V,f=5MHz,VO=2VPP,GV=6dB,
RT=50Ω,RF=1kΩ,CF=5pF,RG=1kΩ,Ta=+25℃
CL=open
CL=10pF
CL=100pF
Voltage Gain vs. Frequency
-40
-30
-20
-10
0
10
20
30
40
50
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
-180
-135
-90
-45
0
45
90
135
180
225
100k
1M
10M
100M
1G
V
+/V-=±2.5V,V
IN=0.02Vpp,GV=40dB,RT=50Ω,
RF=1.98kΩ,RG=20Ω,CF=5pF,RL=2kΩ,CL=10pF,Ta=+25℃
Phase
Gain
Voltege Gain vs. Frequency (with Capacitive Load)
-40
-30
-20
-10
0
10
20
30
40
50
1.E+05
1.E+06
1.E+07
1.E+08
1.E+09
Frequency [Hz]
-180
-135
-90
-45
0
45
90
135
180
225
100k
1M
10M
100M
1G
V
+/V-=±2.5V,V
IN=0.02Vpp,GV=40dB,RT=50Ω,
RF=1.98kΩ,RG=20Ω,CF=5pF,RL=2kΩ,Ta=+25℃
Phase
Gain
CL=100pF
CL=10pF
CL=open
Pulse Response (correlation with RL)
-2.0
-1.0
0.0
1.0
2.0
0.0
0.1
0.1
0.1
0.1
0.1
0.2
0.2
0.2
Time [10ns/div]
V
+/V-=±2.5V,f=5MHz,V
O=2VPP,GV=6dB,RT=50Ω,
RF=1kΩ,CF=5pF,RG=1kΩ,CL=10pF,Ta=+25℃
RL=open
RL=1kΩ
RL=2kΩ
Pulse Response (correlation with Ta)
-2.0
-1.0
0.0
1.0
2.0
0.0
0.1
0.1
0.1
0.1
0.1
0.2
0.2
0.2
Time [10ns/div]
V
+/V-=±2.5V,f=5MHz,V
O=2VPP,GV=6dB,RT=50Ω,
RF=1kΩ,CF=5pF,RG=1kΩ,CL=10pF,Ta=+25℃
Ta=-40℃
Ta=+85℃
Ta=+25℃


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn