Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-315J-XXXE Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-315J-XXXE
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-315J-XXXE Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-315J-XXXE Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Ordering Information
Specify Part Number followed by Option Number (if desired)
Example
HCPL-315Y#XXXX
No Option = Standard DIP package, 50 per tube.
060 = IEC/EN/DIN EN 60747-5-2 VIORM = 630 Vpeak Option, 50 per tube.
(HCPL-3150 only)
300 = Gull Wing Surface Mount Option, 50 per tube. (HCPL-3150 only)
500 = Tape and Reel Packaging Option.
HCPL-3150; 1000 per reel.
HCPL-315J; 850 per reel.
XXXE = Lead Free Option
∅ = Single Channel, 8-pin PDIP.
J = Dual Channel, SO16.
Option data sheets available. Contact Agilent sales representative or authorized distributor.
Remarks: The notation “#” is used for existing products, while (new) products launched since 15th July 2001 and lead free option will use “–”
Package Outline Drawings
Standard DIP Package
Selection Guide: Invertor Gate Drive Optoisolators
Widebody
Package Type
8-Pin DIP (300 mil)
(400 mil)
Small Outline SO-16
Part Number
HCPL-3150
HCPL-3120
HCPL-J312
HCPL-J314
HCNW-3120
HCPL-315J
HCPL-316J
HCPL-314J
Number of
1
1
1
1
1
2
1
2
Channels
IEC/EN/DIN EN
VIORM
VIORM
VIORM
VIORM
60747-5-2
630 Vpeak
891Vpeak
1414 Vpeak
891 Vpeak
Approvals
Option 060
UL
3750
3750
5000
3750
Approval
Vrms/1 min.
Vrms/1 min.
Vrms/1min.
Vrms/1 min.
Output Peak
0.5A
2A
2A
0.4A
2A
0.5A
2A
0.4A
Current
CMR
15 kV/
µs
10 kV/
µs
15 kV/
µs
10 kV/
µs
(minimum)
UVLO
Yes
No
Yes
No
Fault Status
No
Yes
No
9.40 (0.370)
9.90 (0.390)
PIN ONE
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A 3150 Z
YYWW
DATE CODE
0.76 (0.030)
1.40 (0.055)
2.28 (0.090)
2.80 (0.110)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
6.10 (0.240)
6.60 (0.260)
0.20 (0.008)
0.33 (0.013)
5° TYP.
7.36 (0.290)
7.88 (0.310)
1
2
3
4
8
7
6
5
5
6
7
8
4
3
2
1
GND1
VDD1
VIN+
VIN–
GND2
VDD2
VOUT+
VOUT–
PIN DIAGRAM
PIN ONE
DIMENSIONS IN MILLIMETERS AND (INCHES).
* MARKING CODE LETTER FOR OPTION NUMBERS.
"V" = OPTION 060.
OPTION NUMBERS 300 AND 500 NOT MARKED.
OPTION CODE*
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
3.56 ± 0.13
(0.140 ± 0.005)


Numéro de pièce similaire - HCPL-315J-XXXE

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
More results

Description similaire - HCPL-315J-XXXE

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com