Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-315J-XXXE Fiches technique(PDF) 11 Page - Agilent(Hewlett-Packard)

No de pièce HCPL-315J-XXXE
Description  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-315J-XXXE Fiches technique(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HCPL-315J-XXXE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 13Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 14Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
Figure 16. Input Current vs. Forward
Voltage.
1.10
0.001
VF – FORWARD VOLTAGE – V
1.60
10
1.0
0.1
1.20
1000
1.30
1.40
1.50
TA = 25°C
IF
VF
+
0.01
100
0
0
IF – FORWARD LED CURRENT – mA
5
25
15
1
30
2
5
34
20
10
Figure 15. Transfer Characteristics.
Figure 14. Propagation Delay vs. Cg.
Figure 13. Propagation Delay vs. Rg.
Figure 10. Propagation Delay vs. VCC.
Figure 11. Propagation Delay vs. IF.
Figure 12. Propagation Delay vs.
Temperature.
15
100
VCC – SUPPLY VOLTAGE – V
30
400
300
500
20
200
25
IF = 10 mA
TA = 25 °C
Rg = 47
Cg = 3 nF
DUTY CYCLE = 50%
f = 10 kHz
TPLH
TPHL
6
100
IF – FORWARD LED CURRENT – mA
16
400
300
500
10
200
12
VCC = 30 V, VEE = 0 V
Rg = 47
Ω, Cg = 3 nF
TA = 25 °C
DUTY CYCLE = 50%
f = 10 kHz
TPLH
TPHL
14
8
-40
100
TA – TEMPERATURE – °C
100
400
300
-20
500
020
40
200
60
80
TPLH
TPHL
IF(ON) = 10 mA
IF(OFF) = 0 mA
VCC = 30 V, VEE = 0 V
Rg = 47
Ω, Cg = 3 nF
DUTY CYCLE = 50%
f = 10 kHz
0
100
Rg – SERIES LOAD RESISTANCE –
200
400
300
50
500
100
200
150
TPLH
TPHL
VCC = 30 V, VEE = 0 V
TA = 25 °C
IF = 10 mA
Cg = 3 nF
DUTY CYCLE = 50%
f = 10 kHz
0
100
Cg – LOAD CAPACITANCE – nF
100
400
300
20
500
40
200
60
80
TPLH
TPHL
VCC = 30 V, VEE = 0 V
TA = 25 °C
IF = 10 mA
Rg = 47
DUTY CYCLE = 50%
f = 10 kHz


Numéro de pièce similaire - HCPL-315J-XXXE

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
More results

Description similaire - HCPL-315J-XXXE

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com