Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AIC1647 Fiches technique(PDF) 5 Page - Analog Intergrations Corporation

No de pièce AIC1647
Description  WHITE LED STEP-UP CONVERTER IN SOT23
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1647 Fiches technique(HTML) 5 Page - Analog Intergrations Corporation

  AIC1647 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1647 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1647 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1647 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1647 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1647 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1647 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1647 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1647 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AIC1647
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
LED Current (mA)
Fig. 8 3 LEDs Efficiency vs. LED Current
0
5
10
15
20
60
65
70
75
80
85
90
3 LEDs, 10µH
L1: 976AS-100M, TOKO
D1: RB521S-30, ROHM
Test circuit refer to Fig.1
VIN=3.6V
VIN=4.2V
VIN=3.0V
LED Current (mA)
Fig. 9
4 LEDs Efficiency vs. LED Current
0
5
10
15
20
60
65
70
75
80
85
90
VIN=3.6V
VIN=4.2V
VIN=3.0V
4 LEDs, 10µH
L1: 976AS-100M, TOKO
D1: RB521S-30, ROHM
Test circuit refer to Fig.1
LED Current (mA)
Fig. 10 5 LEDs Efficiency vs. LED Current
0
5
10
15
20
60
65
70
75
80
85
VIN=3.6V
VIN=4.2V
VIN=3.0V
5 LEDs, 10µH
L1: 976AS-100M, TOKO
D1: RB521S-30, ROHM
Test circuit refer to Fig.1
LED Current (mA)
Fig. 11
6 LEDs Efficiency vs. LED Current
0
5
10
15
60
65
70
75
80
VIN=3.6V
VIN=4.2V
6 LEDs, 10
µH
L1: 976AS-100M, TOKO
D1: RB521S-30, ROHM
Test circuit refer to Fig.1
VIN=3.0V
LED Current (mA)
Fig. 12 3 LEDs Efficiency vs. LED Current
0
5
10
15
20
60
65
70
75
80
85
90
VIN=3.6V
VIN=4.2V
VIN=3.0V
3 LEDs, 6.8µH
L1: 976AS-6R8M, TOKO
D1: RB521S-30, ROHM
Test circuit refer to Fig.1
LED Current (mA)
Fig. 13
6 LEDs Efficiency vs. LED Current
0
5
10
15
60
65
70
75
80
VIN=3.6V
VIN=3.0V
VIN=4.2V
6 LEDs, 6.8µH
L1: 976AS-6R8M, TOKO
D1: RB521S-30, ROHM
Test circuit refer to Fig.1
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MAX1848 White LED Step-Up Converter in SOT23 1  2  3  4  5  More Maxim Integrated Products
APW7071 White LED DC/DC Step-Up Converter 1  2  3  4  5  More Anpec Electronics Coropration
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
MAX1582 High-Efficiency 26V Step-Up Converter for White LED Main and Subdisplay Backlighting 1  2  3  4  5  More Maxim Integrated Products
AP1521 White LED Step-Up Converter 1  2  3  4  5  More Anachip Corp
AIC1648 Built-in OVP White LED Step-Up Converter 1  2  3  4  5  More Analog Intergrations Corporation
LT3466 Dual Full Function White LED Step-Up Converter with Built-In Schottky Diodes 1  2  3  4  5  More Linear Technology
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
A8431 White LED Driver Constant Current Step-up Converter 1  2  3  4  5  More Allegro MicroSystems
G5121 Fixed Frequency White LED Step-Up Converter 1  2  3  4  5  More Global Mixed-mode Technology Inc

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn