Moteur de recherche de fiches techniques de composants électroniques |
|
NUP4201DR2 Fiches technique(PDF) 1 Page - ON Semiconductor |
|
NUP4201DR2 Fiches technique(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2004 March, 2004 − Rev. 3 1 Publication Order Number: NUP4201DR2/D NUP4201DR2 Low Capacitance Surface Mount TVS for High−Speed Data Interfaces The NUP4201DR2 transient voltage suppressor is designed to protect equipment attached to high speed communication lines from ESD, EFT, and lightning. Features: • SO−8 Package • Peak Power − 500 Watts 8 x 20 mS • ESD Rating: IEC 61000−4−2 (ESD) 15 kV (air) 8 kV (contact) IEC 61000−4−4 (EFT) 40 A (5/50 ns) IEC 61000−4−5 (lightning) 23 (8/20 ms) • UL Flammability Rating of 94V−0 Typical Applications: • High Speed Communication Line Protection • USB Power and Data Line Protection • Video Line Protection • Base Stations • HDSL, IDSL Secondary IC Side Protection • Microcontroller Input Protection MAXIMUM RATINGS Rating Symbol Value Unit Peak Power Dissipation 8 x 20 mS @ TA = 25°C (Note 1) Ppk 500 W Junction and Storage Temperature Range TJ, Tstg − 55 to +150 °C Lead Solder Temperature − Maximum 10 Seconds Duration TL 260 °C 1. Non−repetitive current pulse 8 x 20 mS exponential decay waveform SO−8 LOW CAPACITANCE VOLTAGE SUPPRESSOR 500 WATTS PEAK POWER 6 VOLTS P4201 = Device Code L = Location Code Y = Year W = Work Week MARKING DIAGRAM Device Package Shipping† ORDERING INFORMATION NUP4201DR2 SO−8 2500/Tape & Reel P4201 LYW SO−8 CASE 751 PLASTIC PIN CONFIGURATION AND SCHEMATIC http://onsemi.com I/O 1 1 REF 1 2 REF 1 3 I/O 2 4 8 REF 2 7 I/O 4 6 I/O 3 5 REF 2 1 8 †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D. |
Numéro de pièce similaire - NUP4201DR2 |
|
Description similaire - NUP4201DR2 |