Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TM8706 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce TM8706
Description  The TM8706 is an embedded high-performance 4-bit microcomputer with LCD LED driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

TM8706 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  TM8706 Datasheet HTML 1Page - List of Unclassifed Manufacturers TM8706 Datasheet HTML 2Page - List of Unclassifed Manufacturers TM8706 Datasheet HTML 3Page - List of Unclassifed Manufacturers TM8706 Datasheet HTML 4Page - List of Unclassifed Manufacturers TM8706 Datasheet HTML 5Page - List of Unclassifed Manufacturers TM8706 Datasheet HTML 6Page - List of Unclassifed Manufacturers TM8706 Datasheet HTML 7Page - List of Unclassifed Manufacturers TM8706 Datasheet HTML 8Page - List of Unclassifed Manufacturers TM8706 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
tenx technology
TM8706
4 Bit Microcontroller
tenx technology, inc.
Rev 2.4
03/12/01
GENERAL DESCRIPTION
The TM8706 is an embedded high-performance 4-bit microcomputer with LCD/LED driver.
It contains all the necessary functions, such as 4-bit parallel processing ALU, ROM, RAM,
I/O ports, timer, clock generator, dual clock operation, Resistance to Frequency
Converter(RFC), EL panel driver, LCD driver, look-up table, watchdog timer and key matrix
scanning circuitry in a signal chip.
FEATURE
1.
Low power dissipation.
2.
Powerful instruction set (178 instructions).
Binary addition, subtraction, BCD adjust, logical operation in direct and index
addressing mode.
Single-bit manipulation (set, reset, decision for branch).
Various conditional branch.
16 working registers and manipulation.
Table look-up.
LCD driver data transfer.
3.
Memory capacity.
ROM capacity
4096
x 16 bits.
RAM capacity
512
x 4 bits.
4.
LCD driver output.
9 common outputs and 41 segment outputs (up to drive 369 LCD segments).
1/2 Duty, 1/3 Duty, 1/4 Duty, 1/5 Duty, 1/6Duty, 1/7Duty, 1/8Duty or 1/9Duty is
selected by MASK option.
1/2 Bias, 1/3 Bias or 1/4 Bias is selected by MASK option.
Single instruction to turn off all segments.
COM5~9,SEG1~41 could be defined as CMOS or P_open drain type output by
mask option.
5.
Input/output ports.
Port IOA
4 pins (with internal pull-low), muxed with SEG24~SEG27.
Port IOB
4 pins (with internal pull-low). muxed with SEG28~SEG31
Port IOC
4 pins (with internal pull-low, low-level-hold), muxed with SEG32 ~
SEG35.
IOC port had built in the input signal chattering prevention circuitry.
Port IOD
4 pins (with internal pull-low), muxed with SEG36 ~ SEG39. IOD
port had built in the input signal chattering prevention circuitry.
6.
8 level subroutine nesting.
7.
Interrupt function.
External factors 4
(INT pin, Port IOC, IOD & KI input).


Numéro de pièce similaire - TM8706

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TM8704 ETC-TM8704 Datasheet
75Kb / 8P
   4 Bit Microcontroller
TM8705 ETC1-TM8705 Datasheet
105Kb / 11P
   High-Performance 4-Bit Microcomputer with LCD/LED Driver.
More results

Description similaire - TM8706

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TM8705 ETC1-TM8705 Datasheet
105Kb / 11P
   High-Performance 4-Bit Microcomputer with LCD/LED Driver.
logo
Sanyo Semicon Device
LC5732N SANYO-LC5732N Datasheet
309Kb / 12P
   4-Bit Microcomputer with LCD Driver?
LC5732 SANYO-LC5732 Datasheet
442Kb / 14P
   4-Bit Microcomputer with LCD Driver
LC5812 SANYO-LC5812 Datasheet
483Kb / 24P
   4-Bit Microcomputer with Internal LCD Driver?
LC573404A SANYO-LC573404A Datasheet
612Kb / 30P
   4-Bit Single Chip Microcomputer with LCD Driver?
logo
Feeling Technology Corp...
FM8PC71A FEELING-FM8PC71A Datasheet
68Kb / 4P
   The FM8PC71A is an 8-bit microprocessor embedded device
logo
THine Electronics, Inc.
THL3514 THINE-THL3514 Datasheet
339Kb / 16P
   The THL3514 is an LED driver with 24 channel constant
THL3512 THINE-THL3512 Datasheet
340Kb / 16P
   The THL3512 is an LED driver with 24 channel opendrain
logo
Sharp Corporation
SM563 SHARP-SM563 Datasheet
196Kb / 6P
   4-Bit Single-Chip Microcomputer(LCD Driver)
SM565 SHARP-SM565 Datasheet
222Kb / 6P
   4-Bit Single-Chip Microcomputer(LCD Driver)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com