Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRU1120 Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRU1120
Description  2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRU1120 Fiches technique(HTML) 1 Page - International Rectifier

  IRU1120 Datasheet HTML 1Page - International Rectifier IRU1120 Datasheet HTML 2Page - International Rectifier IRU1120 Datasheet HTML 3Page - International Rectifier IRU1120 Datasheet HTML 4Page - International Rectifier IRU1120 Datasheet HTML 5Page - International Rectifier IRU1120 Datasheet HTML 6Page - International Rectifier IRU1120 Datasheet HTML 7Page - International Rectifier IRU1120 Datasheet HTML 8Page - International Rectifier IRU1120 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRU1120
1
Rev. 1.3
08/20/02
www.irf.com
TYPICAL APPLICATION
DESCRIPTION
The IRU1120 is an adjustable linear voltage regulator. It
is packaged in a 5-pin ultra thin-pak surface mount pack-
age. The adjustable output voltage can be set from 1.25V
and up using a simple resistor divider. The input power
can be supplied by a single 5V supply. The regulator is
capable of supplying 2 Amps of continuous current with
an input voltage of 5V. The output is protected by both
current limit and thermal shutdown circuits.
2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Figure 1 - Typical application of IRU1120.
TA (°C)
DEVICE
PACKAGE
OUTPUT
0 To 125
IRU1120CP
5-Pin Ultra Thin-PakTM (P)
Adjustable
Data Sheet No. PD94402
PACKAGE ORDER INFORMATION
Stable with ceramic capacitor
Guaranteed < 1.3V Dropout at Full Load Current
Fast Transient Response
2% Voltage Reference Initial Accuracy
Output Current Limiting
Built-In Thermal Shutdown
FEATURES
APPLICATIONS
High Efficiency Linear Regulator
Hard Disk Drivers, CD-ROMs, DVDs
ADSL and Cable Modems
PRELIMINARY DATA SHEET
VCTRL
VIN
Gnd
VOUT
VADJ
5V
3.3V
2.5V @ 2A
R1
1K
R2
1K
C3
4.7uF
X5R
IRU1120
1
2
3
4
5
C2
4.7uF
X5R
C1
4.7uF
X5R


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn