Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

IRU1120 Fiches technique(PDF) 5 Page - International Rectifier

No de pièce IRU1120
Description  2A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRU1120 Fiches technique(HTML) 5 Page - International Rectifier

  IRU1120 Datasheet HTML 1Page - International Rectifier IRU1120 Datasheet HTML 2Page - International Rectifier IRU1120 Datasheet HTML 3Page - International Rectifier IRU1120 Datasheet HTML 4Page - International Rectifier IRU1120 Datasheet HTML 5Page - International Rectifier IRU1120 Datasheet HTML 6Page - International Rectifier IRU1120 Datasheet HTML 7Page - International Rectifier IRU1120 Datasheet HTML 8Page - International Rectifier IRU1120 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IRU1120
5
Rev. 1.3
08/20/02
www.irf.com
VOUT = 2.7V
VIN = 3.3V
VCTRL = 5V
IOUT = 1A (DC Avg)
Assuming, the following conditions:
Calculate the maximum power dissipation using the fol-
lowing equation:
For Ultra Thin-PakTM we have:
Layout Consideration
The IRU1120, like many other high-speed regulators,
requires that the output capacitors be close to the de-
vice for stability. For power consideration, a ground plane
pad of approximately one-inch square on the compo-
nent side must be dedicated to the device where all Gnd
pins are connected to dissipate the power. If a multilayer
board is used, it is recommended that the inner layers of
the board are also dedicated to the size of the pad for
better thermal characteristics.
Thermal Protection
When the junction temperature exceeds 150
8C, the in-
ternal thermal protection shuts the IRU1120 down.
Current Limit Protection
The IRU1120 provides Over Current Protection when the
output current exceeds typically 3A. The output de-
creases to limit the power dissipation.
Stability
The IRU1120 requires the use of an output capacitor as
part of the frequency compensation in order to make the
regulator stable. A minimum input capacitance of 4.7
mF
and a minimum output capacitance 4.7
mF Ceramic ca-
pacitor is needed for regulator stage as well as the speci-
fied minimum loads to guarantee stability.
Transient Response and PSRR
The input and output capacitors are critical in order to
ensure good transient response and PSRR. The most
important aspects of this are capacitor selection, place-
ment and trace routing. Place each capacitor as close
as physically possible to its corresponding regulator pin.
Use wide traces for a low inductance path. Couple di-
rectly to the ground and power planes as possible. The
use of low ESR capacitors is crucial to achieving good
results. Larger capacitance and lower ESR will improve
both PSRR and transient response.
Thermal Design
The IRU1120 incorporates an internal thermal shutdown
that protects the device when the junction temperature
exceeds the allowable maximum junction temperature.
Although this device can operate with junction tempera-
tures in the range of 150
8C, it is recommended that the
selected heat sink be chosen such that during maxi-
mum continuous load operation the junction tempera-
ture is kept below this number. The example below shows
the steps in selecting the proper surface mount pack-
age.
PD = 1
3(3.3 - 2.7)+
3(5 - 2.7) = 0.63W
PD = IOUT
3(VIN - VOUT)+
3(VCTRL - VOUT)
1
60
( )
IOUT
60
( )
DT = PD3RTHJA = 0.63325 = 15.758C
TJ = TA +
DT = 60.758C
RTHJA = 25
8C/W
TA = 45
8C


Html Pages

1  2  3  4  5  6  7  8  9 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn