Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1648-Z Fiches technique(PDF) 2 Page - NEC

No de pièce 2SA1648-Z
Description  PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SA1648-Z Fiches technique(HTML) 2 Page - NEC

  2SA1648-Z Datasheet HTML 1Page - NEC 2SA1648-Z Datasheet HTML 2Page - NEC 2SA1648-Z Datasheet HTML 3Page - NEC 2SA1648-Z Datasheet HTML 4Page - NEC 2SA1648-Z Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Data Sheet D16121EJ3V0DS
2
2SA1648,1648-Z
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector to emitter voltage
VCEO(SUS)
IC =
−3.0 A, IB = −0.3 A, L = 1 mH
−60
V
Collector to emitter voltage
VCEX(SUS)
IC =
−3.0 A, IB2 = −IB1 = −0.3 A,
VBE(OFF) = 1.5 V, L = 180
µH, clamped
−60
V
Collector cutoff current
ICBO
VCE =
−60 V, IE = 0 A
−10
µA
Collector cutoff current
ICER
VCE =
−60 V, RBE = 50 Ω, TA = 125°C
−1.0
mA
Collector cutoff current
ICEX1
VCE =
−60 V, VBE(OFF) = 1.5 V
−10
µA
Collector cutoff current
ICEX2
VCE =
−60 V, VBE(OFF) = 1.5 V,
TA = 125
°C
−1.0
mA
Emitter cutoff current
IEBO
VEB =
−5.0 V, IC = 0 A
−10
µA
DC current gain
hFE1
Note
VCE =
−2.0 V, IC = −0.5 A
100
DC current gain
hFE2
Note
VCE =
−2.0 V, IC = −1.0 A
100
200
400
DC current gain
hFE3
Note
VCE =
−2.0 V, IC = −3.0 A
60
Collector saturation voltage
VCE(sat)1
Note
IC =
−3.0 A, IB = −0.15 A
−0.3
V
Collector saturation voltage
VCE(sat)2
Note
IC =
−4.0 A, IB = −0.2 A
−0.5
V
Base saturation voltage
VBE(sat)1
Note
IC =
−3.0 A, IB = −0.15 A
−1.2
V
Base saturation voltage
VBE(sat)2
Note
IC =
−4.0 A, IB = −0.2 A
−1.5
V
Collector capacitance
Cob
VCB =
−10 V, IE = 0 A, f = 1.0 MHz
80
pF
Gain bandwidth product
fT
VCE =
−10 V, IC = 0.5 A
90
MHz
Turn-on time
ton
0.3
µs
Storage time
tstg
1.5
µs
Fall time
tf
IC =
−3.0 A, RL = 17 Ω,
IB1 =
−IB2 = −0.15 A, VCC ≅ −50 V
Refer to SWITCHING TIME TEST
CIRCUIT.
0.3
µs
Note Pulse test PW
≤ 350
µs, Duty Cycle ≤ 2%/Pulsed
hFE CLASSIFICATION
Marking
M
L
K
hFE2
100 to 200
150 to 300
200 to 400
SWITCHING TIME TEST CIRCUIT
Base current
waveform
Collector current
waveform


Numéro de pièce similaire - 2SA1648-Z

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
2SA1648-Z ISC-2SA1648-Z Datasheet
245Kb / 2P
   isc Silicon PNP Power Transistor
More results

Description similaire - 2SA1648-Z

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SA1743 NEC-2SA1743 Datasheet
130Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1652 NEC-2SA1652 Datasheet
161Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 NEC-2SA1742 Datasheet
126Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1744 NEC-2SA1744 Datasheet
144Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1845 NEC-2SA1845 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Galaxy Semi-Conductor H...
2SA1615 BILIN-2SA1615 Datasheet
266Kb / 5P
   PNP Silicon Epitaxial Transistor for High-speed Switching
logo
Renesas Technology Corp
2SA1615 RENESAS-2SA1615_15 Datasheet
239Kb / 7P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1742 RENESAS-2SA1742_15 Datasheet
250Kb / 8P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
NEC
2SA1645 NEC-2SA1645 Datasheet
143Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1646 NEC-2SA1646 Datasheet
139Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
2SA1650 NEC-2SA1650 Datasheet
148Kb / 6P
   PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com