Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14467P Fiches technique(PDF) 1 Page - Freescale Semiconductor, Inc

No de pièce MC14467P
Description  Low-Power CMOS Ionization Smoke Detector IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14467P Fiches technique(HTML) 1 Page - Freescale Semiconductor, Inc

  MC14467P Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14467P Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14467P Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14467P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14467P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14467P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14467P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14467P Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC14467-1
Rev 4, 05/2005
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Low-Power CMOS
Ionization Smoke Detector IC
The MC14467-1, when used with an ionization chamber and a small number
of external components, will detect smoke. When smoke is sensed, an alarm is
sounded via an external piezoelectric transducer and internal drivers. This circuit
is designed to operate in smoke detector systems that comply with UL217 and
UL268 specifications.
Features
Ionization Type with On-Chip FET Input Comparator
Piezoelectric Horn Driver
Guard Outputs on Both Sides of Detect Input
Input-Production Diodes on the Detect Input
Low-Battery Trip Point, Internally Set, can be Altered Via External Resistor
Detect Threshold, Internally Set, can be Altered Via External Resistor
Pulse Testing for Low Battery Uses LED for Battery Loading
Comparator Outputs for Detect and Low Battery
Internal Reverse Battery Protection
ORDERING INFORMATION
Device
Case No.
Package
MC14467P1
648-08
Plastic Dip
MC14467-1
LOW-POWER CMOS
IONIZATION
SMOKE DETECTOR IC
P SUFFIX
16-LEAD PLASTIC DIP
CASE 648-08
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
N/C
LED
VDD
Guard Lo-z
Silver
Brass
VSS
Detect
Comp. OUT
Low V Set
Low V
Comp. OUT
Timing
Resistor
Feedback
Osc Capacitor
Sensitivity Set
Detect Input
Guard Hi-z
Figure 1. Pin Connections


Numéro de pièce similaire - MC14467P

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC14467P1 FREESCALE-MC14467P1 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
NXP Semiconductors
MC14467P1 NXP-MC14467P1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
More results

Description similaire - MC14467P

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com